Electronic Components Datasheet Search
  English  ▼

X  

PE4201 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4201
Description  SMC Plug Connector Clamp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4201 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4201 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4201 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4201 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMC Plug Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG174, RG316, RG188, LMR-100, PE-B100, PE-
C100, 0.100 inch Interface Type
• Clamp/Solder Attachment
Features
• Gold Plated Beryllium Copper Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4201 SMC plug connector with clamp/solder attachment for RG174, RG316, RG188, LMR-100, PE-B100,
PE-C100 and 0.100 inch is part of our full line of RF components available for same-day shipping.
Our SMC plug connector PE4201 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
0.413 in [10.49 mm]
Width/Dia.
0.25 in [6.35 mm]
.
Weight
0.007 lbs [3.18 g]
.
Material Specifications
Description
Material
Plating
Contact
Beryllium Copper
Gold
30 µin minimum
Insulation
PTFE
Body
Brass
Nickel
100 µin minimum
Coupling Nut
Brass
Nickel
100 µin minimum
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Plug Connector Clamp/Solder Attachment for RG174, RG316, RG188, LMR-100, PE-
B100, PE-C100, 0.100 inch PE4201
PE4201 REV 1.1
SMC Plug Connector Clamp/Solder Attachment for RG174,
RG316, RG188, LMR-100, PE-B100, PE-C100, 0.100 inch
RF Connectors Technical Data Sheet
PE4201


Similar Part No. - PE4201

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4201 PASTERNACK-PE4201 Datasheet
309Kb / 2P
SMC Plug Connector Clamp - Solder Attachment For RG174, RG316, RG188
More results

Similar Description - PE4201

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4258 PASTERNACK-PE4258 Datasheet
272Kb / 3P
75 Ohm SMC Plug Connector Clamp/Solder Attachment For RG59, RG62
PE4202 PASTERNACK-PE4202 Datasheet
260Kb / 1P
SMC PLUG CONNECTOR CLAMP/SOLDER ATTACHMENT FOR RG178,RG196
PE4201 PASTERNACK-PE4201 Datasheet
309Kb / 2P
SMC Plug Connector Clamp - Solder Attachment For RG174, RG316, RG188
PE4594 PASTERNACK-PE4594_17 Datasheet
351Kb / 3P
SMC Plug Connector Crimp/Solder Attachment
PE4558 PASTERNACK-PE4558_16 Datasheet
314Kb / 3P
SMC Plug Connector Crimp/Solder Attachment
PE4045 PASTERNACK-PE4045_16 Datasheet
351Kb / 3P
SMC Plug Connector Crimp/Solder Attachment
PE4074 PASTERNACK-PE4074_16 Datasheet
399Kb / 3P
SMC Plug Connector Crimp/Solder Attachment
PE4258 PASTERNACK-PE4258_16 Datasheet
330Kb / 4P
75 Ohm SMC Plug Connector Clamp/Solder Attachment
PE4259 PASTERNACK-PE4259_16 Datasheet
395Kb / 3P
75 Ohm SMC Plug Connector Clamp/Solder Attachment
PE4262 PASTERNACK-PE4262_16 Datasheet
383Kb / 4P
SMC Plug Right Angle Connector Clamp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com