Electronic Components Datasheet Search
  English  ▼

X  

PE4209 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4209
Description  BNC Female Bulkhead Mount Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4209 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4209 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4209 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4209 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• BNC Female Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG55, RG142, RG223, RG400, RG141 Interface
Type
• Crimp/Solder Attachment
• Bulkhead
Features
• Max. Operating Frequency 4 GHz
• Good VSWR of 1.5:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Rack and Panel Mount Applications
• Custom Cable Assemblies
.
Description
Pasternack’s PE4209 BNC female bulkhead connector with crimp/solder attachment for RG55, RG142, RG223, RG400
and RG141 (.480 inch D hole) is part of our full line of RF components available for same-day shipping. Our BNC female
connector operates up to a maximum frequency of 4 GHz and offers good VSWR of 1.5:1. This BNC bulkhead connector
allows designers to create external connections on their product enclosures, and can be used in a variety of other rack mount
and panel mount applications.
Our BNC female bulkhead connector PE4209 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
4
GHz
VSWR
1.5:1
Operating Voltage (AC)
500
Vrms
.
Mechanical Specifications
Size
Length
1.43 in [36.32 mm]
Width/Dia.
0.689 in [17.50 mm]
.
Weight
0.043 lbs [19.5 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Female Bulkhead Mount Connector Crimp/Solder Attachment for RG55, RG142, RG223,
RG400, RG141, .480 inch D Hole PE4209
PE4209 REV 1.3
BNC Female Bulkhead Mount Connector Crimp/Solder Attachment
for RG55, RG142, RG223, RG400, RG141, .480 inch D Hole
RF Connectors Technical Data Sheet
PE4209


Similar Part No. - PE4209

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4209 PASTERNACK-PE4209 Datasheet
351Kb / 3P
BNC Female Bulkhead Mount Connector Crimp-Solder Attachment for RG55, RG141, RG142, RG223, RG400, .480 inch D Hole
logo
Pan Jit International I...
PE4209CS PANJIT-PE4209CS Datasheet
568Kb / 8P
Hi-Surge ESD Protection
January 9,2020 PE4205CS_SERIES-REV.00
PE4209CS_R1_00001 PANJIT-PE4209CS_R1_00001 Datasheet
568Kb / 8P
Hi-Surge ESD Protection
January 9,2020 PE4205CS_SERIES-REV.00
More results

Similar Description - PE4209

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4070 PASTERNACK-PE4070_16 Datasheet
361Kb / 4P
BNC Female Connector Crimp/Solder Attachment
PE4079 PASTERNACK-PE4079_16 Datasheet
417Kb / 3P
BNC Female Connector Crimp/Solder Attachment
PE4106 PASTERNACK-PE4106_16 Datasheet
419Kb / 4P
BNC Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4309 PASTERNACK-PE4309_16 Datasheet
361Kb / 3P
BNC Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4371 PASTERNACK-PE4371_16 Datasheet
357Kb / 3P
N Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4419 PASTERNACK-PE4419_16 Datasheet
354Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4422 PASTERNACK-PE4422_16 Datasheet
322Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4427 PASTERNACK-PE4427_17 Datasheet
471Kb / 5P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4442 PASTERNACK-PE4442_16 Datasheet
321Kb / 3P
N Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4466 PASTERNACK-PE4466_17 Datasheet
420Kb / 3P
TNC Female Bulkhead Mount Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com