Electronic Components Datasheet Search
  English  ▼

X  

PE4220 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4220
Description  SMA Female Radius Right Angle Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4220 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4220 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4220 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4220 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Female Connector
• MIL-STD-348
• 50 Ohms
• Radius Right Angle Body Geometry
• Solder Cup Interface Type
• Solder Attachment
• 4 Hole Flange
Features
• Max. Operating Frequency 18 GHz
• Excellent VSWR of 1.25:1
• Gold Plated Beryllium Copper Contact
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4220 SMA female radius right angle 4 hole flange mount connector with solder cup terminal (.340 inch hole
spacing) is part of our full line of RF components available for same-day shipping. Our SMA female connector operates up
to a maximum frequency of 18 GHz and offers excellent VSWR of 1.25:1. Its radius right angle body geometry allows for
easier connections in tight spaces. This SMA 4 hole flange connector allows designers to create external connections on their
product enclosures, and can be used in a variety of other rack mount and panel mount applications.
Our SMA female radius right angle 4 hole flange connector PE4220 datasheet specifications and drawing with dimensions are
shown below in this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to
configure and customize their signal connections however they like. Whether the need is to provide an I/O for a board design,
or simply create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also
expertly build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.25:1
.
Mechanical Specifications
Size
Length
0.613 in [15.57 mm]
Width/Dia.
0.5 in [12.70 mm]
Height
0.71 in [18.03 mm]
.
Weight
0.013 lbs [5.9 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Radius Right Angle Connector Solder Attachment 4 Hole Flange Mount Solder
Cup Terminal, .340 inch Hole Spacing PE4220
PE4220 REV 1.1
SMA Female Radius Right Angle Connector Solder Attachment
4 Hole Flange Mount Solder Cup Terminal, .340 inch Hole Spacing
RF Connectors Technical Data Sheet
PE4220


Similar Part No. - PE4220

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4220 PEREGRINE-PE4220 Datasheet
247Kb / 7P
SPDT UltraCMOS??RF Switch DC - 2500 MHz
PE4220-EK PEREGRINE-PE4220-EK Datasheet
247Kb / 7P
SPDT UltraCMOS??RF Switch DC - 2500 MHz
logo
Beijing Yaohuadechang E...
PE4220-M YHDC-PE4220-M Datasheet
1Mb / 1P
PE series PCB safety isolation transformer
logo
Pan Jit International I...
PE4220CS PANJIT-PE4220CS Datasheet
568Kb / 8P
Hi-Surge ESD Protection
January 9,2020 PE4205CS_SERIES-REV.00
PE4220CS_R1_00001 PANJIT-PE4220CS_R1_00001 Datasheet
568Kb / 8P
Hi-Surge ESD Protection
January 9,2020 PE4205CS_SERIES-REV.00
More results

Similar Description - PE4220

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9262 PASTERNACK-PE9262 Datasheet
251Kb / 3P
SMA Male to SMA Female Radius Right Angle Adapter
PE9274 PASTERNACK-PE9274 Datasheet
248Kb / 3P
SMA Female to SMA Female Radius Right Angle Adapter
PE9262 PASTERNACK-PE9262 Datasheet
251Kb / 3P
SMA Male to SMA Female Radius Right Angle Adapter
PE9274 PASTERNACK-PE9274 Datasheet
248Kb / 3P
SMA Female to SMA Female Radius Right Angle Adapter
logo
List of Unclassifed Man...
5095 ETC2-5095 Datasheet
162Kb / 1P
SMA FEMALE TO SMA FEMALE RADIUS RIGHT ANGLE ADAPTER
5490 ETC2-5490 Datasheet
161Kb / 1P
SMA MALE TO SMA FEMALE RADIUS RIGHT ANGLE,, ADAPTER
logo
Pasternack Enterprises,...
PE91325 PASTERNACK-PE91325 Datasheet
345Kb / 3P
SMA Female to SMA Female Radius Right Angle Adapter
PE4123 PASTERNACK-PE4123_16 Datasheet
359Kb / 3P
SMA Female Right Angle Connector Solder Attachment 4 Hole
PE4300 PASTERNACK-PE4300_16 Datasheet
318Kb / 3P
SMA Female Right Angle Bulkhead Mount Connector Solder Attachment
PE4545 PASTERNACK-PE4545_16 Datasheet
349Kb / 3P
SMA Female Right Angle Bulkhead Mount Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com