Electronic Components Datasheet Search
  English  ▼

X  

PE4222 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4222
Description  N Male Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4222 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4222 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4222 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4222 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• N Male Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
Interface Type
• Solder/Solder Attachment
Features
• Gold Plated Contact
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4222 type N male connector with solder/solder attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ
and RG405 is part of our full line of RF components available for same-day shipping.
Our type N male connector PE4222 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
0.98 in [24.89 mm]
Width/Dia.
0.8 in [20.32 mm]
.
Weight
0.062 lbs [28.12 g]
.
Material Specifications
Description
Material
Plating
Contact
Gold
MIL-G-45204
Insulation
PTFE
Body
Brass
Gold
MIL-G-45204
Coupling Nut
Brass
Nickel
QQ-N-290
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: N Male Connector Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ,
RG405 PE4222
PE4222 REV 1.1
N Male Connector Solder Attachment for PE-
SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
RF Connectors Technical Data Sheet
PE4222


Similar Part No. - PE4222

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4222 PASTERNACK-PE4222 Datasheet
264Kb / 2P
N Male Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
More results

Similar Description - PE4222

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4062 PASTERNACK-PE4062_17 Datasheet
468Kb / 3P
N Male Connector Clamp/Solder Attachment
PE4081 PASTERNACK-PE4081_16 Datasheet
370Kb / 3P
N Male Connector Clamp/Solder Attachment
PE4140 PASTERNACK-PE4140_16 Datasheet
381Kb / 4P
N Male Connector Solder Attachment
PE4221 PASTERNACK-PE4221_17 Datasheet
398Kb / 3P
N Male Connector Clamp/Solder Attachment
PE4344 PASTERNACK-PE4344_16 Datasheet
351Kb / 3P
N Male Connector Crimp/Solder Attachment
PE4376 PASTERNACK-PE4376_16 Datasheet
376Kb / 3P
N Male Connector Solder Attachment
PE4429 PASTERNACK-PE4429_16 Datasheet
406Kb / 3P
N Male Connector Crimp/Solder Attachment
PE4433 PASTERNACK-PE4433_16 Datasheet
317Kb / 3P
N Male Connector Clamp/Solder Attachment
PE4434 PASTERNACK-PE4434_14 Datasheet
411Kb / 2P
N Male Connector Clamp/Solder Attachment
PE4491 PASTERNACK-PE4491_16 Datasheet
327Kb / 3P
N Male Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com