Electronic Components Datasheet Search
  English  ▼

X  

PE4227 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4227
Description  MHV Male Right Angle Connector Clamp/Solder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4227 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4227 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4227 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4227 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• MHV Male Connector
• MIL-STD-348A
• 50 Ohms
• Right Angle Body Geometry
• RG59, RG62, RG71 Interface Type
• Clamp/Solder Attachment
Features
• Max. Operating Frequency 200 MHz
• Good VSWR of 1.6:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4227 MHV male right angle connector with clamp/solder attachment for RG59, RG62 and RG71 is part of our
full line of RF components available for same-day shipping. Our MHV male connector operates up to a maximum frequency of
200 MHz and offers good VSWR of 1.6:1. Its right angle body geometry allows for easier connections in tight spaces.
Our MHV male right angle connector PE4227 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
200
MHz
VSWR
1.6:1
Operating Voltage (AC)
1,600
Vrms
.
Mechanical Specifications
Size
Length
1.22 in [30.99 mm]
Width/Dia.
0.57 in [14.48 mm]
Height
1.02 in [25.91 mm]
.
Weight
0.068 lbs [30.84 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MHV Male Right Angle Connector Clamp/Solder Attachment for RG59, RG62, RG71 PE4227
PE4227 REV 1.3
MHV Male Right Angle Connector Clamp/Solder
Attachment for RG59, RG62, RG71
RF Connectors Technical Data Sheet
PE4227


Similar Part No. - PE4227

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4227 PASTERNACK-PE4227 Datasheet
317Kb / 2P
MHV Male Right Angle Connector Clamp/Solder Attachment For RG59, RG62
More results

Similar Description - PE4227

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4227 PASTERNACK-PE4227 Datasheet
317Kb / 2P
MHV Male Right Angle Connector Clamp/Solder Attachment For RG59, RG62
PE4029 PASTERNACK-PE4029 Datasheet
274Kb / 3P
SMA Male Right Angle Connector Clamp/Solder
PE4226 PASTERNACK-PE4226 Datasheet
409Kb / 3P
MHV Male Right Angle Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4054 PASTERNACK-PE4054_16 Datasheet
376Kb / 4P
TNC Male Right Angle Connector Clamp/Solder
PE4076 PASTERNACK-PE4076_16 Datasheet
397Kb / 3P
MHV Male Connector Clamp/Solder Attachment
PE4098 PASTERNACK-PE4098_16 Datasheet
405Kb / 3P
MHV Male Connector Clamp/Solder Attachment
PE4181 PASTERNACK-PE4181_16 Datasheet
409Kb / 3P
MHV Female Connector Clamp/Solder Attachment
PE4225 PASTERNACK-PE4225_16 Datasheet
405Kb / 3P
MHV Female Connector Clamp/Solder Attachment
PE4226 PASTERNACK-PE4226_16 Datasheet
408Kb / 3P
MHV Male Right Angle Connector Clamp/Solder Attachment
PE4299 PASTERNACK-PE4299 Datasheet
320Kb / 3P
MHV Male Connector Clamp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com