Electronic Components Datasheet Search
  English  ▼

X  

PE4228 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4228
Description  MHV Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal .500 inch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4228 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4228 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4228 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4228 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• MHV Female Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• Solder Cup Interface Type
• Solder Attachment
• 4 Hole Flange
Features
• Max. Operating Frequency 300 MHz
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4228 MHV female connector solder attachment 4 hole flange mount solder cup terminal, .500 inch threaded
hole spacing is part of our full line of RF components available for same-day shipping. Our MHV female connector operates
up to a maximum frequency of 300 MHz. This MHV 4 hole flange connector allows designers to create external connections
on their product enclosures, and can be used in a variety of other rack mount and panel mount applications.
Our MHV female 4 hole flange connector PE4228 datasheet specifications and drawing with dimensions are shown below
in this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable connector assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
300
MHz
Operating Voltage (AC)
1,600
Vrms
.
Mechanical Specifications
Size
Length
1.429 in [36.3 mm]
Width/Dia.
0.689 in [17.50 mm]
Height
0.689 in [17.5 mm]
.
Weight
0.027 lbs [12.25 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: MHV Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal,
.500 inch Threaded Hole Spacing PE4228
PE4228 REV 1.2
MHV Female Connector Solder Attachment 4 Hole Flange
Mount Solder Cup Terminal, .500 inch Threaded Hole Spacing
RF Connectors Technical Data Sheet
PE4228


Similar Part No. - PE4228

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4228 PASTERNACK-PE4228 Datasheet
252Kb / 2P
MHV Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing
More results

Similar Description - PE4228

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4010 PASTERNACK-PE4010 Datasheet
250Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing
PE4394 PASTERNACK-PE4394 Datasheet
237Kb / 2P
BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal .500 inch Hole Spacing
PE4763 PASTERNACK-PE4763 Datasheet
238Kb / 2P
RP BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Hole Spacing
PE4527 PASTERNACK-PE4527 Datasheet
293Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Hole Spacing
PE4064 PASTERNACK-PE4064 Datasheet
243Kb / 2P
TNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing
PE4064SP PASTERNACK-PE4064SP Datasheet
284Kb / 3P
TNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing
PE4228 PASTERNACK-PE4228 Datasheet
252Kb / 2P
MHV Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing
PE4012 PASTERNACK-PE4012_16 Datasheet
360Kb / 3P
UHF Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4064SP PASTERNACK-PE4064SP_16 Datasheet
366Kb / 3P
TNC Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4193 PASTERNACK-PE4193_16 Datasheet
349Kb / 3P
MHV Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, .380 inch DD Hole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com