Electronic Components Datasheet Search
  English  ▼

X  

M54543AFP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M54543AFP
Description  Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54543AFP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M54543AFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54543AFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54543AFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54543AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Bi-DIRECTIONAL MOTOR DRIVER
WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
M54543AFP
MITSUBISHI <CONTROL / DRIVER IC>
PIN CONFIGURATION (TOP VIEW)
DESCRIPTION
The M54543AFP is a semiconductor integrated circuit that is
capable of directly driving a smallsize bi-directional motor rotating
in both forward and reverse directions.
FEATURES
qWide range of operating voltage (VCC=4 – 15V)
qPossible direct driving with TTL, PMOS and CMOS IC outputs
qSmall outline (10-pin SOP)
qLow output saturation voltage (large voltage across motors)
qBuilt-in clamp diode
qLarge output current drive (IO(max) =
±700mA)
qProvided with brake function
qBuilt-in thermal shutdown protection circuit
APPLICATION
Sound equipment such as tape deck and radio cassette, VTR, and
other general consumer appliances
BLOCK DIAGRAM
IN1
VCC’1
VCC1
O2
Output power supply 1
Output 1
Power supply 1
O1
Output 2
VCC’2
Output power supply 2
VCC2
Thermal
protection
circuit
Input 1
IN2
Input 2
GND
Power supply 2
Input 1
Input 2
Output 2
Output 1
10
7
8
9
1
4
3
2
6
5
IN1
GND
IN2
O1
O2
VCC1
VCC’1
VCC’2
VCC2
Power supply 1
Output
power supply 1
NC
Power supply 2
Output
power supply 2
Outline 10P2–C
NC : no connection
Input
control
circuit


Similar Part No. - M54543AFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54543AFP MITSUBISHI-M54543AFP Datasheet
231Kb / 4P
BI-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
More results

Similar Description - M54543AFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54543AL MITSUBISHI-M54543AL Datasheet
24Kb / 4P
Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
M54543ASL MITSUBISHI-M54543ASL Datasheet
231Kb / 4P
BI-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
M54543L MITSUBISHI-M54543L Datasheet
42Kb / 4P
Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION
M54544AL MITSUBISHI-M54544AL Datasheet
75Kb / 4P
Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
M54544L MITSUBISHI-M54544L Datasheet
80Kb / 4P
Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION
M54641L MITSUBISHI-M54641L Datasheet
79Kb / 4P
Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION
logo
Toshiba Semiconductor
TA8050AK TOSHIBA-TA8050AK Datasheet
274Kb / 8P
1.5A MOTOR DRIVER WITH BRAKE FUNCTION
10-Feb-1998
logo
Mitsubishi Electric Sem...
M54549AL MITSUBISHI-M54549AL Datasheet
206Kb / 4P
DUAL BI-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
logo
NTE Electronics
NTE1892 NTE-NTE1892 Datasheet
103Kb / 3P
Integrated Circuit Dual Bi−Directional Motor Driver with Brake Function and Thermal Shutdown
logo
Renesas Technology Corp
M54641L RENESAS-M54641L Datasheet
187Kb / 9P
Bi-Directional Motor Driver with Brake Function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com