Electronic Components Datasheet Search
  English  ▼

X  

AD7490BCPZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD7490BCPZ
Description  16-Channel, 1 MSPS, 12-Bit ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7490BCPZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7490BCPZ Datasheet HTML 12Page - Analog Devices AD7490BCPZ Datasheet HTML 13Page - Analog Devices AD7490BCPZ Datasheet HTML 14Page - Analog Devices AD7490BCPZ Datasheet HTML 15Page - Analog Devices AD7490BCPZ Datasheet HTML 16Page - Analog Devices AD7490BCPZ Datasheet HTML 17Page - Analog Devices AD7490BCPZ Datasheet HTML 18Page - Analog Devices AD7490BCPZ Datasheet HTML 19Page - Analog Devices AD7490BCPZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Data Sheet
AD7490
Rev. D | Page 15 of 28
Figure 14 shows how a sequence of consecutive channels can be
converted on without having to program the Shadow register or
write to the part on each serial transfer. Again, to exit this mode
of operation and revert back to the normal mode of operation
of a multichannel ADC (as outlined in Figure 12), ensure that
the WRITE = 1 and SEQ = SHADOW = 0 on the next serial
transfer.
CONTINUOUSLY CONVERTS ON THE
SELECTED SEQUENCE OF CHANNELS BUT
WILL ALLOW RANGE, CODING, AND SO ON,
TO CHANGE IN THE CONTROL REGISTER
WITHOUT INTERRUPTING THE SEQUENCE
PROVIDED, SEQ = 1, SHADOW = 0
DUMMY CONVERSIONS
DIN = ALL 1s
DIN: WRITE TO CONTROL REGISTER,
WRITE BIT = 1,
SELECT CODING, RANGE, AND POWER MODE
SELECT CHANNEL ADD3 TO ADD0 FOR
CONVERSION,
SEQ = 1 SHADOW = 1
CS
DOUT: CONVERSION RESULT FROM
CHANNEL 0
CONTINUOUSLY CONVERTS ON A
CONSECUTIVE SEQUENCE OF CHANNELS
FROM CHANNEL 0 UP TO AND INCLUDING
THE PREVIOUSLY SELECTED ADD3 TO ADD0
IN THE CONTROL REGISTER
CS
CS
WRITE BIT = 1,
SEQ = 1,
SHADOW = 0
POWER ON
WRITE
BIT = 0
WRITE BIT = 1,
SEQ = 1,
SHADOW = 0
Figure 14. SEQ Bit = 1, SHADOW Bit = 1 Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com