Electronic Components Datasheet Search
  English  ▼

X  

AD7782 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7782
Description  Read Only, Pin Configured 24-Bit ADC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7782 Datasheet(HTML) 3 Page - Analog Devices

  AD7782 Datasheet HTML 1Page - Analog Devices AD7782 Datasheet HTML 2Page - Analog Devices AD7782 Datasheet HTML 3Page - Analog Devices AD7782 Datasheet HTML 4Page - Analog Devices AD7782 Datasheet HTML 5Page - Analog Devices AD7782 Datasheet HTML 6Page - Analog Devices AD7782 Datasheet HTML 7Page - Analog Devices AD7782 Datasheet HTML 8Page - Analog Devices AD7782 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
–2–
Parameter
AD7782B
Unit
Test Conditions
ADC CHANNEL SPECIFICATION
Output Update Rate
19.79
Hz nom
ADC CHANNEL
No Missing Codes
2
24
Bits min
Resolution
16
Bits p-p
±160 mV Range, RANGE = 0
18
Bits p-p
±2.56 V Range, RANGE = 1
Output Noise
See Table I
Integral Nonlinearity
±10
ppm of FSR max
Typically 2 ppm
Offset Error
±3
µV typ
AIN(+) = AIN(–) = 2.5 V
Offset Error Drift vs. Temperature
±10
nV/
°C typ
Full-Scale Error
±10
µV typ
VDD = 3 V
Gain Drift vs. Temperature
±0.5
ppm/
°C typ
Power Supply Rejection (PSR)
100
dB typ
Input Range =
±160 mV, V
IN = 1/16 V
85
dB typ
Input Range =
±2.56 V, V
IN = 1 V
ANALOG INPUTS
Differential Input Voltage Ranges
±160
mV nom
RANGE = 0
±2.56
V nom
RANGE = 1
ADC Range Matching
±2
µV typ
Input Voltage = 159 mV on Both Ranges
Absolute AIN Voltage Limits
GND + 100 mV
V min
VDD – 100 mV
V max
Analog Input Current
2
DC Input Current
±1
nA max
DC Input Current Drift
±5
pA /
°C typ
Normal-Mode Rejection
2, 3
@ 50 Hz
60
dB min
50 Hz
± 1 Hz
@ 60 Hz
94
dB min
60 Hz
± 1 Hz
Common-Mode Rejection
Input Range =
±160 mV, V
IN = 1/16 V
@ DC
105
dB min
125 dB typ, 110 dB typ when Input Range =
±2.56 V
@ 50 Hz
2
100
dB min
50 Hz
± 1 Hz
@ 60 Hz
2
100
dB min
60 Hz
± 1 Hz
REFERENCE INPUT
REFIN Voltage
2.5
V nom
REFIN = REFIN(+) – REFIN(–)
REFIN Voltage Range
2
1V min
VDD
V max
Absolute REFIN Voltage Limits
2
GND – 30 mV
V min
VDD + 30 mV
V max
Average Reference Input Current
0.5
µA/V typ
Average Reference Input Current Drift
±0.01
nA/V/
°C typ
Normal-Mode Rejection
2, 3
@ 50 Hz
60
dB min
50 Hz
± 1 Hz
@ 60 Hz
94
dB min
60 Hz
± 1 Hz
Common-Mode Rejection
Input Range =
±160 mV, V
IN = 1/16 V
@ DC
100
dB typ
@ 50 Hz
110
dB typ
50 Hz
± 1 Hz
@ 60 Hz
110
dB typ
60 Hz
± 1 Hz
LOGIC INPUTS
All Inputs Except SCLK and XTAL1
2
VINL, Input Low Voltage
0.8
V max
VDD = 5 V
0.4
V max
VDD = 3 V
VINH, Input High Voltage
2.0
V min
VDD = 3 V or 5 V
SCLK Only (Schmitt-Triggered Input)
2
VT(+)
1.4/2
V min/V max
VDD = 5 V
VT(–)
0.8/1.4
V min/V max
VDD = 5 V
VT(+) – VT(–)
0.3/0.85
V min/V max
VDD = 5 V
VT(+)
0.95/2
V min/V max
VDD = 3 V
VT(–)
0.4/1.1
V min/V max
VDD = 3 V
VT(+) – VT(–)
0.3/0.85
V min/V max
VDD = 3 V
(VDD = 2.7 V to 3.6 V or 4.75 V to 5.25 V, REFIN(+) = 2.5 V; REFIN(–) = GND; GND = 0 V;
XTAL1/XTAL2 = 32.768 kHz Crystal; all specifications TMIN to TMAX unless otherwise noted.)
FSR
REFIN
Gain
=
×
2
1 024
.
AD7782–SPECIFICATIONS
REV. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com