Electronic Components Datasheet Search
  English  ▼

X  

AD7898 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7898
Description  5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7898 Datasheet(HTML) 1 Page - Analog Devices

  AD7898 Datasheet HTML 1Page - Analog Devices AD7898 Datasheet HTML 2Page - Analog Devices AD7898 Datasheet HTML 3Page - Analog Devices AD7898 Datasheet HTML 4Page - Analog Devices AD7898 Datasheet HTML 5Page - Analog Devices AD7898 Datasheet HTML 6Page - Analog Devices AD7898 Datasheet HTML 7Page - Analog Devices AD7898 Datasheet HTML 8Page - Analog Devices AD7898 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AD7898*
a
5 V, 12-Bit, Serial 220 kSPS
ADC in an 8-Lead Package
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2004 Analog Devices, Inc. All rights reserved.
FUNCTIONAL BLOCK DIAGRAM
SIGNAL
SCALING*
12-BIT
ADC
TRACK/HOLD
AD7898
VDD
REF IN
VIN
CONVST
GND
VDRIVE
SCLK
SDATA
*AD7898-10, AD7898-3
OUTPUT
REGISTER
FEATURES
Fast 12-Bit ADC with 220 kSPS Throughput Rate
8-Lead SOIC
Single 5 V Supply Operation
High Speed, Flexible, Serial Interface that
Allows Interfacing to 3 V Processors
On-Chip Track/Hold Amplifier
Selection of Input Ranges
10 V for AD7898-10
2.5 V for AD7898-3
High Input Impedance
Low Power: 22.5 mW Max
GENERAL DESCRIPTION
The AD7898 is a fast 12-bit ADC that operates from a single
5V supply and is housed in a small 8-lead SOIC package. The
part contains a successive approximation A/D converter, an on-
chip track/hold amplifier, an on-chip clock, and a high speed
serial interface.
The AD7898 offers two modes of operation. In Mode 0, con-
version is initiated by the
CONVST input and the conversion
process is controlled by an internal clock oscillator. In this mode,
the serial interface consists of three wires and the AD7898 is
capable of throughput rates up to 220 kSPS. In Mode 1, the
conversion process is controlled by an externally applied SCLK
with data being accessed from the part during conversion. In
this mode, the serial interface consists of three wires and the
AD7898 is capable of throughput rates up to 220 kSPS.
In addition to the traditional dc accuracy specifications, such as
linearity and full-scale and offset errors, the AD7898 is specified
for dynamic performance parameters, including harmonic dis-
tortion and signal-to-noise ratio.
The part accepts an analog input range of
±10 V (AD7898-10)
and
±2.5 V (AD7898-3), and operates from a single 5 V supply,
consuming only 22.5 mW max.
The part is available in an 8-lead Standard Small Outline
Package (SOIC).
PRODUCT HIGHLIGHTS
1. Fast, 12-Bit ADC in 8-Lead Package
The AD7898 contains a 220 kSPS ADC, a track/hold ampli-
fier, control logic, and a high speed serial interface, all in an
8-lead package. This offers considerable space saving over
alternative solutions.
2. Low Power, Single-Supply Operation
The AD7898 operates from a single 5 V supply and con-
sumes only 22.5 mW. The VDRIVE function allows the serial
interface to connect directly to either 3 V or 5 V processor
systems independent of VDD.
3. Flexible, High Speed Serial Interface
The part provides a flexible, high speed serial interface that
has two distinct modes of operation. Mode 0 provides a three-
wire interface with data being accessed from the AD7898
when conversion is complete. Mode 1 offers a three-wire
interface with data being accessed during conversion.
4. Power-Down Mode
The AD7898 offers a proprietary power-down capability
when operated in Mode 1, making the part ideal for portable
or hand-held applications.
*Protected by U.S. Patent No. 6,681,332


Similar Part No. - AD7898

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7898 AD-AD7898 Datasheet
184Kb / 16P
5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV.0
AD7898 AD-AD7898 Datasheet
182Kb / 16P
5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. A
AD7898AR-10 AD-AD7898AR-10 Datasheet
184Kb / 16P
5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV.0
AD7898AR-10 AD-AD7898AR-10 Datasheet
182Kb / 16P
5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. A
AD7898AR-10 AD-AD7898AR-10 Datasheet
182Kb / 16P
5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. A
More results

Similar Description - AD7898

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7898 AD-AD7898 Datasheet
184Kb / 16P
5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV.0
AD7453 AD-AD7453 Datasheet
253Kb / 20P
Pseudo Differential, 555 kSPS, 12-Bit ADC in an 8-Lead SOT-23
REV.0
AD7898ARZ-10 AD-AD7898ARZ-10 Datasheet
182Kb / 16P
5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. A
AD7898AR10 AD-AD7898AR10 Datasheet
182Kb / 16P
5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. A
AD7452 AD-AD7452_15 Datasheet
734Kb / 29P
Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7895 AD-AD7895_15 Datasheet
317Kb / 12P
5 V, 12-Bit, Serial 3.8s ADC in 8-Pin Package
REV. 0
AD7898 AD-AD7898_15 Datasheet
220Kb / 16P
5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. A
AD7452 AD-AD7452_17 Datasheet
639Kb / 25P
Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
C
AD7453 AD-AD7453_17 Datasheet
424Kb / 21P
Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
B
AD7895 AD-AD7895_17 Datasheet
348Kb / 13P
5 V, 12-Bit, Serial 3.8 ADC in 8-Pin Package
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com