Electronic Components Datasheet Search
  English  ▼

X  

AD7899 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7899
Description  5 V Single Supply 14-Bit 400 kSPS ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7899 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7899 Datasheet HTML 9Page - Analog Devices AD7899 Datasheet HTML 10Page - Analog Devices AD7899 Datasheet HTML 11Page - Analog Devices AD7899 Datasheet HTML 12Page - Analog Devices AD7899 Datasheet HTML 13Page - Analog Devices AD7899 Datasheet HTML 14Page - Analog Devices AD7899 Datasheet HTML 15Page - Analog Devices AD7899 Datasheet HTML 16Page - Analog Devices AD7899 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
REV. A
AD7899
–14–
MICROPROCESSOR INTERFACING
The high-speed parallel interface of the AD7899 allows easy
interfacing to most DSPs and microprocessors. The AD7899
interface of the AD7899 consists of the data lines (DB0 to DB13),
CS, RD, and BUSY/EOC.
AD7899–ADSP-21xx Interface
Figure 14 shows an interface between the AD7899 and the
ADSP-21xx. The
CONVST signal can be generated by the
ADSP-21xx or from some other external source. Figure 14 shows
the
CS being generated by a combination of the DMS signal and
the address bus of the ADSP-21xx. In this way the AD7899 is
mapped into the data memory space of the ADSP-21xx.
The AD7899 BUSY/
EOC line provides an interrupt to the
ADSP-21xx when the conversion is complete. The conversion
result can then be read from the AD7899 using a read operation.
The AD7899 is read using the following instruction
MR0 = DM(ADC)
where MR0 is the ADSP-21xx MR0 register and ADC is the
AD7899 address.
CS
RD
CONVST
DB0–DB13
AD7899
VIN
DT1/F0
IRQn
D8–D21
A0–A13
ADSP-21xx
ADDRESS
DECODE
RD
DMS
BUSY/
EOC
Figure 14. AD7899–ADSP-21xx Interface
AD7899–TMS320C5x Interface
Figure 15 shows an interface between the AD7899 and the
TMS320C5x. As with the previous interfaces, conversion can be
initiated from the TMS320C5x or from an external source and
the processor is interrupted when the conversion sequence is
completed. The
CS signal to the AD7899 derived from the DS
signal and a decode of the address bus. This maps the AD7899
into external data memory. The
RD signal from the TMS320 is
used to enable the ADC data onto the data bus. The AD7899 has
a fast parallel bus so there are no wait state requirements. The
following instruction is used to read the conversion results from
the AD7899:
IN D,ADC
where D is Data Memory address and ADC is the AD7899
address.
CS
RD
BUSY/
EOC
CONVST
DB0–DB13
AD7899
VIN
PA0
INTn
D0–D13
DS
A0–A13
TMS320C5x
ADDRESS
DECODE
RD
Figure 15. AD7899–TMS320C5x Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com