Electronic Components Datasheet Search
  English  ▼

X  

JCS80N70F Datasheet(PDF) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS80N70F
Description  N-CHANNEL MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS80N70F Datasheet(HTML) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS80N70F Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS80N70F Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS80N70F Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS80N70F Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS80N70F Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS80N70F Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS80N70F Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS80N70F Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS80N70F Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
R
JCS80N70F
版本:201510E
5/9
特征曲线
ELECTRICAL CHARACTERISTICS (curves)
0
5
10
15
0
60
120
180
240
VGS=8V
VGS=7V
VGS=6V
VGS=5V
V
GS
Top
12V
10V
8V
7V
6V
Bottom 5V
Notes:
1. 250μs pulse test
2. T
C=25
℃
V
DS
[V]
10
-1
10
0
10
1
0.0
2.0x10
3
4.0x10
3
6.0x10
3
C
rss
C
oss
C
iss
C
iss = Cgs+Cgd (Cds=shorted)
C
oss = Cds+Cgd
C
rss = Cgd
V
DS Drain-Source Voltage [V]
0
2
4
6
8
10
12
0
10
20
30
40
50
60
70
80
Q
g Toltal Gate Charge [nC]
V
DS=56V
Transfer Characteristics
On-Resistance Variation vs.
Drain Current and Gate Voltage
Body Diode Forward Voltage Variation
vs. Source Current and Temperature
Capacitance Characteristics
Gate Charge Characteristics
On-Region Characteristics
0
2
4
6
8
10
0
60
120
180
240
300
Notes:
1.250μs pulse test
2.V
DS=40V
V
GS
[V]
0
20
40
60
80
100
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
V
GS=0V
25℃
175℃
V
S D [V]
2
4
6
8
10
12
14
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
40A
Notes:
250μs pulse test
V
GS
[V]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com