Electronic Components Datasheet Search
  English  ▼

X  

IN74LS05 Datasheet(PDF) 1 Page - Integral Corp.

Part # IN74LS05
Description  Hex Inverters with Open-Drain Outputs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74LS05 Datasheet(HTML) 1 Page - Integral Corp.

  IN74LS05 Datasheet HTML 1Page - Integral Corp. IN74LS05 Datasheet HTML 2Page - Integral Corp. IN74LS05 Datasheet HTML 3Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA
1
Hex Inverters
with Open-Drain Outputs
This device contains idenpendent inverts. It performs the Boolean
function Y=A. The open collector outputs require pull-up resistor to
perform correctly. Open-collector devices are often used to generate
higher VOH levels.
Pull-Up Resistor Equations
RMAX=
RMIN=
Where: N1(IOH)=total maximumoutput high current for all outputs tied
to pull-up resistor
N2(IIH)=total input high current for all inputs tied to pull-up
resistor
N3(IIL)=total input low current for all inputs tied to pull-up
resistor
IN74LS05
ORDERING INFORMATION
IN74LS05N Plastic
IN74LS05D SOIC
TA = -0° to 70° C
for all packages
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
AY
LH
HL
VCC(Min) - VOH
VCC(Max) - VOL
N1(IOH) + N2(IIH)
(IOL + N3(IIL)


Similar Part No. - IN74LS05

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74LS05 IKSEMICON-IN74LS05 Datasheet
159Kb / 4P
This device contains idenpendent inverts
More results

Similar Description - IN74LS05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC05 TI-SN54HC05 Datasheet
66Kb / 4P
HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
System Logic Semiconduc...
SL74LS05 SLS-SL74LS05 Datasheet
26Kb / 3P
Hex Inverters with Open-Drain Outputs
logo
Hitachi Semiconductor
HD74HC05 HITACHI-HD74HC05 Datasheet
44Kb / 7P
Hex Inverters (with Open Drain Outputs)
logo
KODENSHI_AUK CORP.
KK74LS05 KODENSHI-KK74LS05 Datasheet
208Kb / 4P
Hex Inverters with Open-Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_07 Datasheet
468Kb / 15P
HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
SN54LV05A TI-SN54LV05A_08 Datasheet
498Kb / 15P
HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A Datasheet
96Kb / 8P
Hex Inverters with Open Drain Outputs
logo
Diodes Incorporated
74LVC06A DIODES-74LVC06A Datasheet
206Kb / 10P
HEX INVERTERS WITH OPEN DRAIN OUTPUTS
Rev 4
logo
Texas Instruments
CD74AC05M96G4 TI-CD74AC05M96G4 Datasheet
849Kb / 13P
HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Diodes Incorporated
74LV06A DIODES-74LV06A Datasheet
310Kb / 9P
HEX INVERTERS WITH OPEN DRAIN OUTPUTS
Rev 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com