Electronic Components Datasheet Search
  English  ▼

X  

SR20100C Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SR20100C
Description  20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SR20100C Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SR20100C Datasheet HTML 1Page - PACELEADER INDUSTRIAL SR20100C Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TO-220
Dimensions in inches and (millimeters)
Features
Mechanical Date
‧Guard Ring for over voltage Protection
‧Case:TO-220
‧High forward surge capability
‧Case Material: Molded Plastic, UL Flammability
‧High frequency operation
Classification Rating 94V-0
‧Component in accordance to RoHS 2002/95/EC
‧Terminals: Matte Tin Finish annealed over copper
Lead frame. Solderable per MIL-STD-202
‧Weight: 1.948 grams (approximate)
20.0A SCHOTTKY BARRIER RECTIFIERS -4
0V- 200V
PARAMETER
SYMBOL
SR2040C
SR2060C
SR20100C
SR20150C
SR20200C UNIT
Maximum repetitive peak reverse voltage
VRRM
40
60
100
150
200
V
Maximum RMS voltage
VRMS
28
42
70
105
140
V
Maximum DC blocking voltage
VDC
40
60
100
150
200
V
Maximum average forward rectified current
(Total)
(Per Leg)
IF
20
10
A
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
IFSM
150.0
A
Maximum Instantaneous Forward Voltage
IF=10A @ 25°C
VF
0.55
0.75
0.85
0.92
V
Maximum DC Reverse Current @ Tc=25°C
at Rated DC Blocking Voltage @ Tc=100°C
I
0.5
20
0.2
5
mA
Typical Junction Capacitance(NOTE1)
Cj
600
400
300
pF
Typical Thermal Resistance
RθJC
3
°C/W
Operating Temperature Range
TJ
-55 to +125
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
MAXIMUM RATINGS (TA=25°C unless otherwise noted)
R
NOTES:1.Measured at 1.0MHZ and applied reverse voltage of 4.0V DC
‧
.270(6.9)
.230(5.8)
.177(4.50)
.140(3.56)
.039(1.00)
.023(0.60)
.057(1.45)
.046(1.16)
.187(4.82)
.148(3.8)
.053(1.4)
.043(1.1)
.028(0.7)
.014(0.36)
.126
(3. 20 )
.129(3.3)
.1(2.54)
.153(3.9)
.146(3.7)
.583(14.8)
.499(12.7)
.413(10.5)
.374(9.5)
.624(15.87)
.578(14.7)
.102(2.6)
.091(2.3)
1
SR2040C
THRU SR20200C
www.paceleader.tw
Pb-Free package is available
RoHS product for packing code suffix ”G”
Halogen free product for packing code suffix “H”


Similar Part No. - SR20100C

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SR20100C MIC-SR20100C Datasheet
45Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
SR20100C RECTRON-SR20100C Datasheet
234Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 20.0 Ampere
SR20100CS RECTRON-SR20100CS Datasheet
195Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 20.0 Ampere
logo
UNIOHM CORPORATION
SR20100CT UNIOHM-SR20100CT Datasheet
69Kb / 2P
20 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Goodwork Semiconductor ...
SR20100CT GWSEMI-SR20100CT Datasheet
73Kb / 2P
20.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR20100C

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SP2040C WILLAS-SP2040C Datasheet
374Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V -200V
SR840 WILLAS-SR840 Datasheet
463Kb / 2P
8.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SR1640C WILLAS-SR1640C Datasheet
465Kb / 2P
16.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SR2040C WILLAS-SR2040C Datasheet
367Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
Formosa MS
SKFM2020C-D2 FORMOSA-SKFM2020C-D2 Datasheet
169Kb / 7P
20.0A Surface Mount Schottky Barrier Rectifiers-20V-200V
logo
PACELEADER INDUSTRIAL
MBR2040CT PACELEADER-MBR2040CT Datasheet
367Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 100V
MBR2040FCT PACELEADER-MBR2040FCT Datasheet
363Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 100V
MBR20200CT PACELEADER-MBR20200CT Datasheet
384Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS 200V
MBR20200FCT PACELEADER-MBR20200FCT Datasheet
359Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS 200V
SP2040C PACELEADER-SP2040C Datasheet
491Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com