Electronic Components Datasheet Search
  English  ▼

X  

SR320 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SR320
Description  3.0AMP SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SR320 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SR320 Datasheet HTML 1Page - PACELEADER INDUSTRIAL SR320 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.0AMP SCHOTTKY BARRIER RECTIFIERS
FEATURES
* Low switching noise
* Low forward voltage drop
* High current capability
* High reliability
* High surge capability
*
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 1.18 gram
Dimensions in inches and (millimeters)
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
RATINGS
SYMBOL SR320 SR330 SR340 SR350 SR360 SR380 SR3100 SR3150 SR3200
UNIT
Marking Code
SR320 SR330 SR340 SR350 SR360 SR380 SR3100 SR3150 SR3200
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
80
100
150
200
Volts
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
70
105
140
Volts
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
150
200
Volts
Maximum Average Forward Rectified Current
0.375" (9.5mm) lead length at TL
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
RΘJA
℃/W
RΘJC
℃/W
Typical Junction Capacitance (Note 2)
CJ
P
F
Storage Operating Temperature Range
TJ,TSTG
℃
SYMBOL SR320 SR330 SR340 SR350 SR360 SR380 SR3100 SR3150 SR3200
UNIT
Maximum Instantaneous Forward Voltage at 3.0A DC(
Note3)
VF
Volts
Maximum Average Reverse Current at
@TA=25℃
Rated DC Blocking Voltage
@TA=100℃
NOTES :1. Thermal Resistance (Junction to Ambient): Vertical PC Board Mounting, 0.5” (12.7mm) Lead Length.
Thermal Resistance (Junction to Case).
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. Measured at Pulse Width 300μs, Duty Cycle 2%.
SR3200
0.55
0.75
0.85
0.92
80
DO-201AD PACKAGE
CHARACTERISTICS
Amps
Amps
IO
IFSM
IR
30
200
3.0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
-65 to +150
SR320 THRU
20
Typical Thermal Resistance (Note 1)
0.5
10
mAmps
.220(5.60)
.197(5.00)
.052(1.30)
.048(1.20)
.375(9.50)
.335(8.50)
DIA.
DIA.
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"
1
www.paceleader.tw


Similar Part No. - SR320

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR320 WTE-SR320 Datasheet
47Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
SR320 RECTRON-SR320 Datasheet
230Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 3.0 Amperes)
logo
Bytes
SR320 BYTES-SR320 Datasheet
153Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Lunsure Electr...
SR320 CHENYI-SR320 Datasheet
165Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SR320 FORMOSA-SR320 Datasheet
33Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR320

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N5820 JGD-1N5820 Datasheet
142Kb / 2P
3.0AMP. SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SR320 SECOS-SR320 Datasheet
130Kb / 2P
3.0AMP Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
SB320 CYSTEKEC-SB320 Datasheet
248Kb / 3P
3.0Amp Schottky Barrier Rectifiers
SB3150 CYSTEKEC-SB3150 Datasheet
230Kb / 6P
3.0Amp Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
1N5820 SECOS-1N5820_15 Datasheet
154Kb / 2P
3.0AMP Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SB320 YFWDIODE-SB320 Datasheet
74Kb / 2P
3.0Amp Schottky Barrier Rectifiers
SR320 YFWDIODE-SR320 Datasheet
73Kb / 2P
3.0Amp Schottky Barrier Rectifiers
SR320-DO27 YFWDIODE-SR320-DO27 Datasheet
267Kb / 2P
3.0Amp Schottky Barrier Rectifiers
SB320-DO-27 YFWDIODE-SB320-DO-27 Datasheet
297Kb / 2P
3.0Amp Schottky Barrier Rectifiers
SR320-DO-27 YFWDIODE-SR320-DO-27 Datasheet
296Kb / 2P
3.0Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com