Electronic Components Datasheet Search
  English  ▼

X  

SR120 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SR120
Description  1.0AMP SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SR120 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SR120 Datasheet HTML 1Page - PACELEADER INDUSTRIAL SR120 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.0AMP SCHOTTKY BARRIER RECTIFIERS
FEATURES
* Ideal for surface mounted applications
* Low leakage current
* Metallurgically bonded construction
* High reliability
* RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Mounting position: Any
* Weight: 0.33 grams
Dimensions in inches and (millimeters)
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
RATINGS
SYMBOL SR120 SR130 SR140 SR150 SR160 SR180 SR1100 SR1150 SR1200
UNIT
Marking Code
SR120 SR130 SR140 SR150 SR160 SR180 SR1100 SR1150 SR1200
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
80
100
150
200
Volts
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
70
105
140
Volts
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
150
200
Volts
Maximum Average Forward Rectified Current
IO
Amps
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
RΘJA
℃/W
RΘJC
℃/W
Typical Junction Capacitance
CJ
P
F
Operating Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
SYMBOL SR120 SR130 SR140 SR150 SR160 SR180 SR1100 SR1150 SR1200
UNIT
Maximum Forward Voltage at 1.0A DC
@TA=25℃
VF
0.87
0.90
Volts
Maximum Average Reverse Current at
@TA=25℃
Rated DC Blocking Voltage
@TA=100℃
IR
0.5
0.2
10.0
2.0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
DO-41 PACKAGE
CHARACTERISTICS
-55 to +125
-55 to +150
30.0
70
IFSM
1.0
0.70
0.85
70
40
0.50
50
40
30
SR120 THRU SR1200
mAmps
Typical Thermal Resistance
Amps
.117(2.97)
.080(2.00)
.034(0.90)
.028(0.70)
.205(5.21)
.165(4.19)
1
www.paceleader.tw


Similar Part No. - SR120

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR120 WTE-SR120 Datasheet
50Kb / 3P
1.0A SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
SR120 RECTRON-SR120 Datasheet
282Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere)
logo
Bytes
SR120 BYTES-SR120 Datasheet
153Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Formosa MS
SR120 FORMOSA-SR120 Datasheet
33Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
List of Unclassifed Man...
SR120 ETC1-SR120 Datasheet
48Kb / 1P
SCHOTTKY RECTIERS SILICON RECTIFIER DIODES
More results

Similar Description - SR120

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SK12B WILLAS-SK12B Datasheet
284Kb / 2P
1.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SR102 LUGUANG-SR102 Datasheet
188Kb / 2P
1.0AMP. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
1N5817 TSC-1N5817_12 Datasheet
250Kb / 4P
1.0AMP. Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SB120 YFWDIODE-SB120 Datasheet
73Kb / 2P
1.0Amp Schottky Barrier Rectifiers
SR120 YFWDIODE-SR120 Datasheet
73Kb / 2P
1.0Amp Schottky Barrier Rectifiers
SR120-DO41 YFWDIODE-SR120-DO41 Datasheet
273Kb / 2P
1.0Amp Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
1N5817 CHONGQING-1N5817_16 Datasheet
177Kb / 1P
1.0AMP. SCHOTTKY BARRIER RECTIFIERS
1N5817S CHONGQING-1N5817S Datasheet
177Kb / 1P
1.0AMP. SCHOTTKY BARRIER RECTIFIERS
MB140 CHONGQING-MB140 Datasheet
175Kb / 1P
1.0AMP. SCHOTTKY BARRIER RECTIFIERS
SB120L CHONGQING-SB120L Datasheet
176Kb / 1P
1.0AMP. SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com