Electronic Components Datasheet Search
  English  ▼

X  

SR5L045 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SR5L045
Description  5A LOW VF TRENCH MOS SCHOTTKY RECTIFIERS 45V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SR5L045 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SR5L045 Datasheet HTML 1Page - PACELEADER INDUSTRIAL SR5L045 Datasheet HTML 2Page - PACELEADER INDUSTRIAL SR5L045 Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRIMARY CHARACTERISTICS
DO-201AD
PACKAGE
VRRM
45V
IFSM
125A
VF@5A,TJ=125℃
0.44V
IO
5A
FEATURES
MECHANICAL DATA
EXTREMELY LOW VF
TRENCH MOS SCHOTTKY
TECHNOLOGY
LOW POWER LOSS / HIGH
EFFICIENCY
HIGH FREQENCY OPERATION
HIGH FORWARD SURGE
CAPABILITY
MOISTURE SENSITIVITY LEVEL 1
CASE:TRANSFER MOLDED
POLARITY:AS MARKED
TERMINALS:PURETIN PLATED
LEADS:SOLDERABLE PER
MIL-STD-202, METHOD 208
5A LOW VF TRENCH MOS SCHOTTKY RECTIFIERS
SR5L
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
T
I
N
U
L
O
B
M
Y
S
S
G
N
I
T
A
R
Marking Code
Maximum Repetitive Peak Reverse Voltage
VRRM
Volts
Maximum RMS Voltage
VRMS
Volts
Maximum DC Blocking Voltage
VDC
Volts
Maximum Average Forward Rectified Current
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
RΘJa
℃/W
TJ
℃
Storage Temperature Range
TSTG
℃
T
I
N
U
L
O
B
M
Y
S
Maximum Forward Voltage
VF
Volts
Maximum Average Reverse Current at
@Tj =25℃
Rated DC Blocking Voltage
@Tj =125℃
NOTES :1.
CHARACTERISTICS
Amps
Amps
IO
IFSM
IR
5.0
125
25
-55 to +150
1
mAmps
-55 to +175
SR5L0
0.
0.
Operating Temperature Range
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SR5L
SR5L
IF=5A@ Tj=25°C
IF=5A@ Tj=125°C
0.
1
2
)
2
e
t
o
N
(
BOTH LEADS ATTATCHED TO HEATSINK AT LEAD LENGTH 5mm
2. PULSE TEST: 300µS PULSE WIDTH, 1% DUTY CYCLE.
● Body Marking Example
Cathode Band
Date Code (樣品通常不會標示Date Code )
V:代表產品線別
Y:表西元年尾碼, 3-2013,4-2014…以此類推
M:表月份, 如1-1,2-2,---10-O,11-N,12-D
SR5L
Marking Code
TJ Max
150℃
1
www.paceleader.tw


Similar Part No. - SR5L045

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SR5L06 PACELEADER-SR5L06 Datasheet
720Kb / 3P
5A LOW VF TRENCH MOS SCHOTTKY RECTIFIERS 60V
More results

Similar Description - SR5L045

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMPD1545L SECOS-SMPD1545L Datasheet
221Kb / 2P
45V, 15A Low VF Planar MOS Barrier Schottky Rectifiers
logo
PACELEADER INDUSTRIAL
SR5U045 PACELEADER-SR5U045 Datasheet
687Kb / 3P
5A ULTRA LOW VF TRENCH MOS SCHOTTKY RECTIFIERS 45V
SR5U15 PACELEADER-SR5U15 Datasheet
719Kb / 3P
5A ULTRA LOW VF TRENCH MOS SCHOTTKY RECTIFIERS 150V
SR5U10 PACELEADER-SR5U10 Datasheet
659Kb / 3P
5A ULTRA LOW VF TRENCH MOS SCHOTTKY RECTIFIERS 100V
SR5U06 PACELEADER-SR5U06 Datasheet
719Kb / 3P
5A ULTRA LOW VF TRENCH MOS SCHOTTKY RECTIFIERS 60V
SR5L20 PACELEADER-SR5L20 Datasheet
687Kb / 3P
5A LOW VF TRENCH MOS SCHOTTKY RECTIFIERS 200V
SR5L15 PACELEADER-SR5L15 Datasheet
663Kb / 3P
5A LOW VF TRENCH MOS SCHOTTKY RECTIFIERS 150V
SR5L10 PACELEADER-SR5L10 Datasheet
718Kb / 3P
5A LOW VF TRENCH MOS SCHOTTKY RECTIFIERS 100V
SR5L06 PACELEADER-SR5L06 Datasheet
720Kb / 3P
5A LOW VF TRENCH MOS SCHOTTKY RECTIFIERS 60V
logo
Shenzhen Luguang Electr...
SD545SL LUGUANG-SD545SL Datasheet
9Mb / 4P
5A/45V Low VF Schottky Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com