Electronic Components Datasheet Search
  English  ▼

X  

SR2200 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SR2200
Description  2.0AMP SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SR2200 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SR2200 Datasheet HTML 1Page - PACELEADER INDUSTRIAL SR2200 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.0AMP SCHOTTKY BARRIER RECTIFIERS
FEATURES
* Low switching noise
* Low forward voltage drop
* High current capability
* High reliability
* High surge capability
* High switching capability
* Pb free plating 99% Sn above
* RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.33 gram
Dimensions in inches and (millimeters)
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
RATINGS
SYMBOL SR220 SR230 SR240 SR250 SR260 SR280 SR2100 SR2150 SR2200
UNIT
Marking Code
SR220 SR230 SR240 SR250 SR260 SR280 SR2100 SR2150 SR2200
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
80
100
150
200
Volts
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
70
105
140
Volts
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
150
200
Volts
Maximum Average Forward Rectified Current
0.375" (9.5mm) lead length at TL = 90℃
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
RΘJA
℃/W
RΘJC
℃/W
Typical Junction Capacitance (Note 2)
CJ
P
F
Operating Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
SYMBOL SR220 SR230 SR240 SR250 SR260 SR280 SR2100 SR2150 SR2200
UNIT
Maximum Instantaneous Forward Voltage at 2.0A DC(Note 3)
VF
0.87
0.90
Volts
Maximum Average Reverse Current at
@TA=25℃
Rated DC Blocking Voltage
@TA=100℃
NOTES :1. Thermal Resistance (Junction to Ambient): Vertical PC Board Mounting, 0.5” (12.7mm) Lead Length.
Thermal Resistance (Junction to Case).
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. Measured at Pulse Width 300μs, Duty Cycle 2%.
SR2200
50
DO-41 PACKAGE
IR
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0.50
0.70
0.85
Amps
Amps
IO
IFSM
2.0
SR220
40
THRU
0.2
5
-55 to +125
-55 to +150
-65 to +150
Typical Thermal Resistance (Note 1)
mAmps
0.5
10
CHARACTERISTICS
60
180
.117(2.97)
.080(2.00)
.034(0.90)
.028(0.70)
.205(5.21)
.165(4.19)
1
www.paceleader.tw


Similar Part No. - SR2200

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SR2200 RECTRON-SR2200 Datasheet
223Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 2.0 Ampere
logo
Jinan Jingheng (Group) ...
SR2200 JINANJINGHENG-SR2200 Datasheet
68Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
SeCoS Halbleitertechnol...
SR2200 SECOS-SR2200 Datasheet
303Kb / 2P
2.0 Amp Schottky Barrier Rectifiers
logo
Gaomi Xinghe Electronic...
SR2200 GXELECTRONICS-SR2200 Datasheet
321Kb / 2P
SCHOTTKY BARRIER RECTIFLER
logo
Shenzhen Luguang Electr...
SR2200 LUGUANG-SR2200 Datasheet
1Mb / 2P
2.0A Schottky Barrier Rectifiers
More results

Similar Description - SR2200

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SK24BL SECOS-SK24BL Datasheet
305Kb / 2P
2.0AMP Surface Mount Schottky Barrier Rectifiers
SM2150A SECOS-SM2150A Datasheet
298Kb / 2P
2.0Amp Schottky Barrier Rectifiers
SM2200B SECOS-SM2200B_11 Datasheet
119Kb / 2P
2.0Amp Schottky Barrier Rectifiers
SM2150A SECOS-SM2150A_07 Datasheet
1Mb / 2P
2.0Amp Schottky Barrier Rectifiers
SM2150A SECOS-SM2150A_15 Datasheet
1Mb / 2P
2.0Amp Schottky Barrier Rectifiers
logo
Nanjing International G...
SB220 DGNJDZ-SB220 Datasheet
68Kb / 2P
2.0Amp Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SB220 YFWDIODE-SB220 Datasheet
267Kb / 2P
2.0Amp Schottky Barrier Rectifiers
SB220-DO-15 YFWDIODE-SB220-DO-15 Datasheet
297Kb / 2P
2.0Amp Schottky Barrier Rectifiers
SR220-DO-15 YFWDIODE-SR220-DO-15 Datasheet
324Kb / 2P
2.0Amp Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SR202 LUGUANG-SR202 Datasheet
1Mb / 2P
2.0AMP. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com