Electronic Components Datasheet Search
  English  ▼

X  

LMH6551MA Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6551MA
Description  Differential, High Speed Op Amp
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6551MA Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMH6551MA Datasheet HTML 1Page - National Semiconductor (TI) LMH6551MA Datasheet HTML 2Page - National Semiconductor (TI) LMH6551MA Datasheet HTML 3Page - National Semiconductor (TI) LMH6551MA Datasheet HTML 4Page - National Semiconductor (TI) LMH6551MA Datasheet HTML 5Page - National Semiconductor (TI) LMH6551MA Datasheet HTML 6Page - National Semiconductor (TI) LMH6551MA Datasheet HTML 7Page - National Semiconductor (TI) LMH6551MA Datasheet HTML 8Page - National Semiconductor (TI) LMH6551MA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LMH6551
Differential, High Speed Op Amp
General Description
The LMH™6551 is a high performance voltage feedback
differential amplifier. The LMH6551 has the high speed and
low distortion necessary for driving high performance ADCs
as well as the current handling capability to drive signals
over balanced transmission lines like CAT 5 data cables. The
LMH6551 can handle a wide range of video and data for-
mats.
With external gain set resistors, the LMH6551 can be used
at any desired gain. Gain flexibility coupled with high speed
makes the LMH6551 suitable for use as an IF amplifier in
high performance communications equipment.
The LMH6551 is available in the space saving SOIC and
MSOP packages.
Features
n
370 MHz −3 dB bandwidth (V
OUT = 0.5 VPP)
n
50 MHz 0.1 dB bandwidth
n
2400 V/µs slew Rate
n
18 ns settling time to 0.05%
n
−94/−96 dB HD2/HD3 @ 5 MHz
Applications
n
Differential AD driver
n
Video over twisted pair
n
Differential line driver
n
Single end to differential converter
n
High speed differential signaling
n
IF/RF amplifier
n
SAW filter buffer/driver
Typical Application
20133210
Single Ended Input Differential Output.
Gain = AV=RF/RG Where VIN is measured single ended and VOUT is measured differentially. (Each individual output will equal ± VIN/2.)
LMH™ is a trademark of National Semiconductor Corporation.
February 2005
© 2005 National Semiconductor Corporation
DS201332
www.national.com


Similar Part No. - LMH6551MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6551MA TI1-LMH6551MA Datasheet
1Mb / 28P
LMH6551 Differential, High Speed Op Amp
LMH6551MA TI1-LMH6551MA Datasheet
1Mb / 32P
Differential, High-Speed Op Amp
LMH6551MA/NOPB TI1-LMH6551MA/NOPB Datasheet
1Mb / 28P
LMH6551 Differential, High Speed Op Amp
LMH6551MA/NOPB TI2-LMH6551MA/NOPB Datasheet
1Mb / 36P
LMH6551 Differential, High-Speed Op Amp
REVISED JANUARY 2015
LMH6551MA/NOPB.A TI2-LMH6551MA/NOPB.A Datasheet
1Mb / 36P
LMH6551 Differential, High-Speed Op Amp
REVISED JANUARY 2015
More results

Similar Description - LMH6551MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6550 NSC-LMH6550 Datasheet
854Kb / 17P
Differential, High Speed Op Amp
logo
M.S. Kennedy Corporatio...
MSK0032 MSK-MSK0032 Datasheet
411Kb / 5P
HIGH SPEED, FET INPUT DIFFERENTIAL OP-AMP
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
Differential, High Speed Op Amp
November 29, 2011
LMH6551MAX_NOPB TI1-LMH6551MAX_NOPB Datasheet
1Mb / 28P
LMH6551 Differential, High Speed Op Amp
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_14 Datasheet
1Mb / 25P
LMH6550 Differential, High Speed Op Amp
LMH6551 NSC-LMH6551_14 Datasheet
1Mb / 28P
LMH6551 Differential, High Speed Op Amp
LMH6551Q-Q1 NSC-LMH6551Q-Q1 Datasheet
1Mb / 25P
LMH6551Q Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
Differential, High Speed Op Amp
LMH6551 TI1-LMH6551 Datasheet
1Mb / 32P
Differential, High-Speed Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com