Electronic Components Datasheet Search
  English  ▼

X  

ECF40 Datasheet(PDF) 2 Page - XP Power Limited

Part # ECF40
Description  AC-DC Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECF40 Datasheet(HTML) 2 Page - XP Power Limited

  ECF40 Datasheet HTML 1Page - XP Power Limited ECF40 Datasheet HTML 2Page - XP Power Limited ECF40 Datasheet HTML 3Page - XP Power Limited ECF40 Datasheet HTML 4Page - XP Power Limited ECF40 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Input
Output - Main Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
12
48
VDC
See Models and Ratings table
Initial Set Accuracy
±1
%
50% load, 115/230 VAC
Output Voltage Adjustment
10
%
Minimum Load
0A
No minimum load required
Start Up Delay
12
s
Output Rise Time
50
ms
Hold Up Time
8.3/20
ms
Min at full load 115/230 VAC
Line Regulation
±0.5
%
90-264 VAC
Load Regulation
1%
0-100% load.
Transient Response
4%
Recovery within 1% in less than 500 µs
for a 50-75% and 75-50% load step
Over/Undershoot
5%
Full load
Ripple & Noise
3/2
% pk-pk
12 V/15-48 V models
Overvoltage Protection
115
140
%
Vnom, recycle input to reset
Overload Protection
110
160
% I nom
Short Circuit Protection
Continuous trip and restart (hiccup)
Temperature Coefficient
0.05
%/˚C
ECF40 Series
www.xppower.com
2
AC-DC Power Supplies
Summary
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Range
80
115/230
264
VAC
Derate output from 100% at 90 VAC to 90% at 85 VAC and
80% at 80 VAC
No Load Input Power
0.15
W
Efficiency
90
%
230 VAC (see fig.1 & 2)
Operating Temperature
-25
+70
°C
See derating curve (fig.3)
Safety Approvals
ITE
IEC60950, UL60950-1, CSA 22.2 No.60950-1-11 Ed 2, EN60950-1, LVD
Medical
IEC60601-1 Ed 3.1 Including Risk Management, ANSI/AAMI ES60601-1 & CSA C22.2 No.6061-1:08, EN60601-1
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
90
%
Average active mode efficiency at 25%, 50%, 75% and
100% load
Isolation: Input to Output
Input to Ground
Output to Ground
4000
VAC
2 MOPP
1500
VAC
1 MOPP
500
VAC
1 MOPP at output voltage
Power Density
8.1
W/in3
Mean Time Between Failure
500
kHrs
MIL-HDBK-217F, Notice 2 +25 °C GB
Weight
0.15 (69.0)
lb(g)
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage - Operating
80
115/230
264
VAC
Derate output from 100% at 90 VAC to 90% at 85 VAC and
80% at 80 VAC
Input Frequency
47
50/60
63
Hz
Agency approval, 47-63 Hz
Power Factor
EN61000-3-2 class A
Input Current - Full Load
0.8/0.4
A
115/230 VAC
Inrush Current
60
A
264 VAC cold start, 25 ºC
Earth Leakage Current
250
µA
264 VAC/60 Hz
No load Input Power
0.15
W
Input Protection
T3.15 A/250 A, 250 V Internal fuse fitted in line and neutral.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com