Electronic Components Datasheet Search
  English  ▼

X  

90H32 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # 90H32
Description  Clock oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

90H32 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  90H32 Datasheet HTML 1Page - Advanced Crystal Technology 90H32 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
90H32 Series
                                   Parameters                                                                                      Specification                                                                        Remarks
 Frequency range 
F_nom 32.768kHz, 10.0kHz ~ 100.0kHz
 
 Supply voltage
Vcc 1.8V, 2.5V, 3.3V
±10% tolerance
 Supply voltage vs Frequency sensitivity
±1.0ppm max
 Frequency stability  
F_stb ±25.0ppm, ±50.0ppm , ±100.0ppm 
 Aging
F_age ±3.0ppm max for 1  year
Thereafter ±2.0ppm max/per year
 Operating temperature range (°C)
Topr ‐10°C ~ +70°C, ‐40°C ~ +85°C
 
 Storage temperature (°C)
Tstg ‐55°C ~ +150°C
 Output waveform
HCMOS
 
 Output load
15pF typical
 Output voltage high
Voh 90% Vcc min
 Output voltage low
Vol 10% Vcc max
 
 Rise time
Tr
Table 1
Measured between 10% to 90% of Vcc
 Fall time
Tf
Table 1
 Duty cycle
45%/55%
 Current consumption
Icc
Table 1
 
 Start‐up time
T_str 5.0msec max, 0.8msec typical
 
 Tristate
Pad 1 enable high
 Enable/disable time
Enable : 1msec max ; Disable : 0.1μsec max
 Moisture sensitive level
MSL 1
 ESD sensitive device
 Yes
 
Pad 1 : Enable/Disable
Pad 2 : Ground
Pad 3 : Output
Pad 4 : Supply voltage
Clock oscillator (kHz range), 3.2 x 2.5mm, HCMOS
Dimensions(Unit:mm)
REACH and RoHS compliant
AT‐cut crystal provides high frequency stability
μA low current consumption 
ACT (A wholly owned Acal BFi Company)
+44 (0) 118 978 8878|sales@act.co.uk|www.act.co.uk
ISO9001 Registered 
Specifications subject to change without notification
 Table 1.  Current consumption and Rise/Fall time
Supply voltage
1.8V2.5V3.3V
 Current consumption
Typical
65.0μA70.0μA75.0μA
Max
80.0μA90.0μA100.0μA
Rise time/Fall time
Typical
5.0ns
4.0ns
3.0ns
Max
10.0ns
10.0ns
12.0ns
3.2±0.2
1
2
3
4
1
2
34
2.2
0.9
2.2
1.2


Similar Part No. - 90H32

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
90H53 ACT-90H53 Datasheet
173Kb / 2P
Clock oscillator
01/02/2017
90H57 ACT-90H57 Datasheet
174Kb / 2P
Clock oscillator
01/02/2017
logo
Grayhill, Inc
90HBW02PRT GRAYHILL-90HBW02PRT Datasheet
445Kb / 2P
Surface Mount DIP Switches
90HBW04PT GRAYHILL-90HBW04PT Datasheet
56Kb / 2P
Surface Mount DIP Switches
More results

Similar Description - 90H32

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECS-100 ETC1-ECS-100 Datasheet
100Kb / 1P
CLOCK OSCILLATOR
FXO25TABF ETC2-FXO25TABF Datasheet
129Kb / 1P
CLOCK OSCILLATOR
CCO-014S ETC2-CCO-014S Datasheet
116Kb / 1P
Clock Oscillator
logo
ECS, Inc.
ECS-200 ECS-ECS-200 Datasheet
100Kb / 1P
CLOCK OSCILLATOR
ECS-200X ECS-ECS-200X Datasheet
182Kb / 1P
CLOCK OSCILLATOR
logo
ON Semiconductor
NBXDBB017 ONSEMI-NBXDBB017 Datasheet
131Kb / 8P
Clock Oscillator
March, 2009 ??Rev. 2
logo
Vectron International, ...
PX-4000-DAA-B VECTRON-PX-4000-DAA-B Datasheet
320Kb / 4P
Clock Oscillator
PX-5010-EAJ105 VECTRON-PX-5010-EAJ105 Datasheet
1Mb / 7P
Clock Oscillator
PX-7010-DAJ-105 VECTRON-PX-7010-DAJ-105 Datasheet
1Mb / 7P
Clock Oscillator
logo
Advanced Crystal Techno...
90H57 ACT-90H57 Datasheet
174Kb / 2P
Clock oscillator
01/02/2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com