Electronic Components Datasheet Search
  English  ▼

X  

3215A Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # 3215A
Description  3.2 x 1.5mm Watch crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

3215A Datasheet(HTML) 1 Page - Advanced Crystal Technology

  3215A Datasheet HTML 1Page - Advanced Crystal Technology 3215A Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3215A Series
RoHS & REACH compliant
Tuning fork crystal, ceramic package
Frequency tolerance from  ±10ppm over ‐40°C ~ +85°C
Application: Consumer,metering, mobile communication, medical, industrial
Specification
                                   Parameters                                                                                           Specification                                                                   Remarks
 Frequency rF_nom
 32.768kHz
 
 Frequency tolerance
F_tol
 ±10ppm ,±20ppm   At  25°C ± 3°C
 Operating temperature range 
T_use
 ‐40°C ~ +85°C
 Storage temperature 
T_stg
 ‐55°C ~ +125°C
 Temperature coefficient
K
‐0.034±0.006 ppm/°C²
 Turnover temperature
Ti
 25°C ± 5°C
 Load capacitance
CL
6pF, 7pF, 9pF, 12.5pF
 Equivalent series resistance 
ESR
70KΩ max
 For 50KΩ max ‐ please enquire
 Motional capacitance
C1
3.3fF typical
 Shunt capacitance
C0
0.95pF typical
 Drive level
DL
1.0μW max
 For 0.5μW max ‐ Please enquire
 Frequency aging
F_age
±3.0ppm max
 First year
 Insulation resistance
IR
500MΩ min
 at DC100V ± 15V
 3.2 x 1.5mm Watch crystal
Dimensions (mm)
Part number generation
SY
00003
G
I
H
D
‐PF
ACT
Series
Code
Frequency
(KHz)
 Frequency Tolerance 
(±ppm)
 Operating 
Temperature 
Range            
(°C)
  Load capacitance          
(CL)
Packaging             
(Tape & Reel)
RoHS
SY
32.768kHz = 00003
±10 = C
±20 = G
‐40 ~ +85 = I
  6pF = N
   7pF = M
  9pF = K
 12.5pF = H
Loose/Sample  = L   
3000pcs = D        
RoHS = ‐pF
Note: It is important to suffix the above part number with full frequency required to give a completed part number as illustrated below.
Full Example Part Number : SY00003GIHD‐PF (32.768kHz)
‐190
‐180
‐170
‐160
‐150
‐140
‐130
‐120
‐110
‐100
‐90
‐80
‐70
‐60
‐50
‐40
‐30
‐20
‐10
0
10
‐40
‐30
‐20
‐10
0
1020304050
60708090
Temperature °C
X‐Y cut :  Frequency stability v temperature
Frequency stability vs temperature
3.2±0.1
2.4
1.8
0.6 0.1
1.1
1.1
1.4
Internal connection
ACT (A wholly owned Acal BFi Company)
+44 (0) 118 978 8878|sales@act.co.uk|www.act.co.uk
ISO9001 Registered 
Specifications subject to change without notification


Similar Part No. - 3215A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
3215 MOLEX-3215 Datasheet
66Kb / 2P
KK Maxi-3.96mm & 5.08mm Modular Interconnection System
logo
List of Unclassifed Man...
3215 ETC2-3215 Datasheet
68Kb / 1P
WASHERS
logo
Molex Electronics Ltd.
3215 MOLEX-3215 Datasheet
57Kb / 1P
3.96mm (.156") Pitch PC Board Connector
logo
Keystone Electronics Co...
3215 KEYSTONE-3215 Datasheet
423Kb / 1P
WASHERS
31-07 20th
logo
Molex Electronics Ltd.
3215-HR19G1C MOLEX3-3215-HR19G1C Datasheet
210Kb / 4P
3.96mm (.156") Pitch KK PC Board Connector, Right Angle, Nylon Connector
More results

Similar Description - 3215A

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
X32K768S021 AEL-X32K768S021 Datasheet
41Kb / 1P
4.1 x 1.5mm SMD Watch Crystal
logo
P-tec Corporation
PL00190-WCA02 P-TEC-PL00190-WCA02 Datasheet
124Kb / 1P
Dome lens 3.2 x 1.0 x 1.5mm
PL00190-WCA03 P-TEC-PL00190-WCA03 Datasheet
124Kb / 1P
Dome lens 3.2 x 1.0 x 1.5mm
PL00190-WCB11 P-TEC-PL00190-WCB11 Datasheet
28Kb / 1P
Dome lens 3.2 x 1.0 x 1.5mm
PL00190-WCG10 P-TEC-PL00190-WCG10 Datasheet
124Kb / 1P
Dome lens 3.2 x 1.0 x 1.5mm
PL00190-WCG25 P-TEC-PL00190-WCG25 Datasheet
129Kb / 1P
Dome lens 3.2 x 1.0 x 1.5mm
PL00190-WCY22 P-TEC-PL00190-WCY22 Datasheet
125Kb / 1P
Dome lens 3.2 x 1.0 x 1.5mm
PL00190-YDW01 P-TEC-PL00190-YDW01 Datasheet
126Kb / 1P
Dome lens 3.2 x 1.0 x 1.5mm
logo
Advanced Crystal Techno...
200A ACT-200A Datasheet
189Kb / 2P
8.0 x 3.8mm Watch crystal
01/02/2017
logo
Fox Electronics
K135 FOX-K135 Datasheet
300Kb / 3P
3.2 x 1.5mm SMD Tuning Fork
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com