Electronic Components Datasheet Search
  English  ▼

X  

9225WC Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # 9225WC
Description  32.768kHz Clock oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

9225WC Datasheet(HTML) 1 Page - Advanced Crystal Technology

  9225WC Datasheet HTML 1Page - Advanced Crystal Technology 9225WC Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
9225WC Series
                                   Parameters                                                                                      Specification                                                                        Remarks
 Frequency 
F_nom 32.768kHz
 
 Supply voltage
Vcc 1.5V, 1.8V, 2.5V, 3.3V
±5% tolerance
 Frequency stability  
F_stb ±20.0ppm ~ ±100.0ppm
Over operating temperature range
 Aging
F_age ±5.0ppm max
25°C, 1  year
 Operating temperature range (°C)
Topr 0°C ~ +70°C to ‐40°C ~ +85°C
Table 1
 Storage temperature (°C)
Tstg ‐55°C ~ +125°C
 Output waveform
HCMOS
 
 Output load
15pF typical
 Output voltage high
Voh 90% of  Vcc min
 Output voltage low
Vol 10% of Vcc max
 
 Rise time
Tr
200.0nsec max
Measured over 10% to 90% of waveform
 Fall time
Tf
200.0nsec max
 Duty cycle
45%/55%, 40%/60%
 Current consumption
Icc
Table 2
 
 Start‐up time
T_str 3.0msec max
 
 Moisture sensitive level
MSL 1
 ESD sensitive device
Yes
 
 Tristate 
Pad 1
70% of Vcc min to Enable output             
30% of Vcc max to disable output ‐ High 
impedance
Pad 1 : Tri‐state
Pad 2 : Ground
Pad 3 : Output
Pad 4 : Supply voltage
32.768kHz Clock oscillator, 2.5 x 2.0mm, HCMOS
Dimensions(Unit:mm)
REACH and RoHS compliant
Frequency of 32.768kHz with AT cut crystal stability (Divider circuit)
Wide range of supply voltages
ACT (A wholly owned Acal BFi Company)
+44 (0) 118 978 8878|sales@act.co.uk|www.act.co.uk
ISO9001 Registered 
Specifications subject to change without notification
 Table 2. Current consumption (mA max)
 Frequency 
Supply voltage
1.5V,1.8V
2.5V, 3.3V
 32.768kHz
0.7mA
1.5mA
2.5±0.1
1
2
3
4
1
2
3
4
1.1
0.68
1.7
 Table 1. Frequency stabilities vs Operating temperature range
 Temperature (°C)
±20.0
±25.0
±30.0
±50.0
±100.0
0 ~ +70
√
√√√√
‐20 ~ +70
√
√√√√
‐40 ~ +85
√
√√√√
0.95


Similar Part No. - 9225WC

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
92251 SCHNEIDER-92251 Datasheet
152Kb / 2P
Safety switch, double through, non fusible, 30 A, 240 V, 2 poles, NEMA 1, fuse class T4
Jun 24, 2021
More results

Similar Description - 9225WC

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
XO64 EUROQUARTZ-XO64 Datasheet
248Kb / 1P
32.768kHz Low Power Clock Oscillator
logo
Fox Electronics
F32K FOX-F32K Datasheet
128Kb / 2P
HCMOS 32.768kHz SMD Oscillator
logo
Abracon Corporation
ASH7K-32.768KHZ-T ABRACON-ASH7K-32.768KHZ-T Datasheet
1Mb / 3P
32.768kHz SMD CRYTAL OSCILLATOR
12.27.11
ACOW ABRACON-ACOW Datasheet
941Kb / 2P
FULL-SIZE DIP 32.768kHz CRYSTAL CLOCK OSCILLATOR
04.01.15
logo
Advanced Crystal Techno...
9200WC ACT-9200WC Datasheet
210Kb / 2P
Clock oscillator 32.768kHz
01/02/2017
9300WC ACT-9300WC Datasheet
196Kb / 2P
Clock oscillator 32.768kHz, 5.0 x 3.2mm, HCMOS
1/2/2017
9325AWC ACT-9325AWC Datasheet
193Kb / 2P
Clock oscillator 32.768kHz, 3.2 x 2.5mm, HCMOS
1/2/2017
logo
Golledge Electronics Lt...
GAO-3201 GOLLEDGE-GAO-3201_18 Datasheet
580Kb / 5P
1.8~5.0V 32.768kHz Oscillator
logo
Fox Electronics
O1HK FOX-O1HK Datasheet
251Kb / 6P
2.0x1.6mm 32.768kHz SMD Oscillator
O2HK FOX-O2HK Datasheet
250Kb / 6P
2.5x2.0mm 32.768kHz SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com