Electronic Components Datasheet Search
  English  ▼

X  

TWC912 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # TWC912
Description  2.0 x 1.2mm Watch crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

TWC912 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  TWC912 Datasheet HTML 1Page - Advanced Crystal Technology TWC912 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TWC912 Series
RoHS & REACH compliant
Vacuum sealed miniature ceramic package for excellent stability
Low power consumption
                                   Parameters                                                                                             Specification                                                                 Remarks
 Frequency 
F_nom
 32.768kHz
 
 Frequency tolerance
F_tol
±10ppm, ±20ppm,  ±50ppm,  ±100ppm
 At  25°C ± 3°C
 Operating temperature range 
T_use
 ‐40°C ~ +85°C
 Storage temperature 
T_stg
 ‐55°C ~ +125°C
 Temperature coefficient
K
‐0.03±0.01 ppm/°C²
 Turnover temperature
Ti
 25°C ± 5°C
 Load capacitance
CL
7pF, 9pF, 12.5pF
 Equivalent series resistance 
ESR
90KΩ max
 For 50KΩ max ‐ please enquire
 Motional capacitance
C1
6.5fF typical
 Shunt capacitance
C0
1.3pF typical
 Drive level
DL
0.5μW max
 Frequency aging
F_age
±5.0ppm max
 First year
 Insulation resistance
IR
500MΩ min
 At DC100V ± 15V
2.0 x 1.2mm Watch crystal
Dimensions (mm)
Part number generation
SAB
00003
G
I
H
D
‐PF
ACT
Series
Code
Frequency
(KHz)
 Frequency Tolerance 
(±ppm)
 Operating 
Temperature 
Range            
(°C)
  Load capacitance          
(CL)
Packaging             
(Tape & Reel)
RoHS
SAB
32.768kHz = 00003
±10 = C
±20 = G
±50 = J
±100 = P
‐40 ~ +85 = I
  7.0pF = M
  9.0pF = K
12.5pF = H
Loose/Sample  = L      
3000pcs = D        
RoHS = ‐pF
Note: It is important to suffix the above part number with full frequency required to give a completed part number as illustrated below.
Full Example Part Number : SAB00003GIHD‐PF (32.768MHz)
Frequency stability vs temperature
‐190
‐180
‐170
‐160
‐150
‐140
‐130
‐120
‐110
‐100
‐90
‐80
‐70
‐60
‐50
‐40
‐30
‐20
‐10
0
10
‐40
‐30
‐20
‐10
0
102030405060
708090
Temperature °C
X‐Y cut :  Frequency stability v temperature
2.0±0.1
0.5
0.5
0.8
0.6
0.6
0.8
1.4
Land 
Pattern
Internal Connection
ACT (A wholly owned Acal BFi Company)
+44 (0) 118 978 8878|sales@act.co.uk|www.act.co.uk
ISO9001 Registered 
Specifications subject to change without notification


Similar Part No. - TWC912

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
TWC94411DM YAGEO-TWC94411DM Datasheet
1Mb / 15P
5G-FR1WiFi 6EGNSS L1 Direct Mount 9-in-1 Antenna
2025-11-27
TWC94412DM YAGEO-TWC94412DM Datasheet
1Mb / 15P
5G-FR1WiFi 6EGNSS L1 Direct Mount 9-in-1 Antenna
2025-11-27
More results

Similar Description - TWC912

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AP2012SGC KINGBRIGHT-AP2012SGC Datasheet
92Kb / 4P
2.0 X 1.2MM SMD CHIP LED LAMP
logo
Advanced Crystal Techno...
ACT1X5 ACT-ACT1X5 Datasheet
82Kb / 1P
Watch Crystal
03-10-07
logo
Kingbright Corporation
KP-2012SYC KINGBRIGHT-KP-2012SYC Datasheet
94Kb / 4P
2.0 x 1.2mm SMD CHIP LED LAMPS
logo
AEL Crystals Ltd
X32K768S021 AEL-X32K768S021 Datasheet
41Kb / 1P
4.1 x 1.5mm SMD Watch Crystal
logo
Advanced Crystal Techno...
200A ACT-200A Datasheet
189Kb / 2P
8.0 x 3.8mm Watch crystal
01/02/2017
3215A ACT-3215A Datasheet
172Kb / 2P
3.2 x 1.5mm Watch crystal
01/02/2017
J206SMX ACT-J206SMX Datasheet
179Kb / 2P
Watch crystal
01/02/2017
1016-SMX-4 ACT-1016-SMX-4 Datasheet
230Kb / 2P
1.6 x 1.2mm Crystal unit
1/02/2017
1612H-SMX-4 ACT-1612H-SMX-4 Datasheet
179Kb / 1P
1.6 x 1.2mm Crystal unit
1/2/2017
logo
Fox Electronics
C0BS FOX-C0BS Datasheet
287Kb / 3P
1.6 x 1.2mm Ceramic SMD Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com