Electronic Components Datasheet Search
  English  ▼

X  

CA14000 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA14000
Description  Heidi series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA14000 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA14000 Datasheet HTML 1Page - Ledil, Inc. CA14000 Datasheet HTML 2Page - Ledil, Inc. CA14000 Datasheet HTML 3Page - Ledil, Inc. CA14000 Datasheet HTML 4Page - Ledil, Inc. CA14000 Datasheet HTML 5Page - Ledil, Inc. CA14000 Datasheet HTML 6Page - Ledil, Inc. CA14000 Datasheet HTML 7Page - Ledil, Inc. CA14000 Datasheet HTML 8Page - Ledil, Inc. CA14000 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PRODUCT DATASHEET
Heidi series
last update 8/6/2016
DETAILS
Product Number
CA14000_HEIDI-M-NP
Family
Heidi
Type
Assembly
Color
clear
Diameter
21,56 mm
Height
11,60 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
tape
Status
production ready
ROHS Compliant
Yes
Date Updated
8/06/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-E
sim: 28
Medium
sim: 93 % sim: 3.972 -
XB-D
sim: 28
Medium
sim: 89 % sim: 3.589 -
XP-G2
sim: 29
Medium
sim: 92 % sim: 3.478 -
XP-E2
sim: 29
Medium
sim: 93 % sim: 3.809 -
ML-E
sim: 28
Medium
sim: 92 % sim: 3.540 -
XP-G
sim: 28
Medium
sim: 92 % sim: 3.624 -
XT-E
sim: 27
Medium
sim: 93 % sim: 3.700 -
XP-G3
sim: 28
Medium
sim: 94 % sim: 3.170 -
H35C0 (LEMWA33)
sim: 28
Medium
sim: 90 % sim: 3.555 -
LUXEON Z ES
sim: 27
Medium
sim: 94 % sim: 4.100 -
107
sim: 28
Medium
sim: 90 % sim: 3.550 -
NSSW157T
sim: 28
Medium
sim: 93 % sim: 3.976 -
NF2x757A
sim: 27
Medium
sim: 93 % sim: 3.744 -
Oslon SSL 80
sim: 29
Medium
sim: 92 % sim: 3.841 -
Oslon Square PC
sim: 29
Medium
sim: 92 % sim: 3.551 -
Oslon SSL 150
sim: 29
Medium
sim: 93 % sim: 4.017 -
LH351Z
30 deg
Medium
89 %
3.300
-
LH351B
29 deg
Medium
88 %
3.100
-
Z5P
sim: 28
Medium
sim: 92 % sim: 3.686 -
January 22nd 2018 7:49 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CA14000

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA14000 CREE-CA14000 Datasheet
530Kb / 9P
Heidi series
More results

Similar Description - CA14000

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA11265 CREE-CA11265 Datasheet
1Mb / 26P
Heidi series
CA11268 CREE-CA11268 Datasheet
2Mb / 35P
Heidi series
CA11663 CREE-CA11663 Datasheet
1Mb / 33P
Heidi series
CA12079 CREE-CA12079 Datasheet
2Mb / 46P
Heidi series
CA12530 CREE-CA12530 Datasheet
926Kb / 21P
Heidi series
CA12536 CREE-CA12536 Datasheet
1Mb / 27P
Heidi series
CA12538 CREE-CA12538 Datasheet
877Kb / 18P
Heidi series
CA12815 CREE-CA12815 Datasheet
905Kb / 19P
Heidi series
CA12537 CREE-CA12537 Datasheet
971Kb / 20P
Heidi series
CA12893 CREE-CA12893 Datasheet
470Kb / 9P
Heidi series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com