Electronic Components Datasheet Search
  English  ▼

X  

FN14720 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FN14720
Description  Stella series
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN14720 Datasheet(HTML) 1 Page - Ledil, Inc.

  FN14720 Datasheet HTML 1Page - Ledil, Inc. FN14720 Datasheet HTML 2Page - Ledil, Inc. FN14720 Datasheet HTML 3Page - Ledil, Inc. FN14720 Datasheet HTML 4Page - Ledil, Inc. FN14720 Datasheet HTML 5Page - Ledil, Inc. FN14720 Datasheet HTML 6Page - Ledil, Inc. FN14720 Datasheet HTML 7Page - Ledil, Inc. FN14720 Datasheet HTML 8Page - Ledil, Inc. FN14720 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
PRODUCT DATASHEET
Stella series
last update 15/2/2017
DETAILS
Product Number
FN14720_STELLA-FRESNEL
Family
Stella
Type
Pack
Color
black
Diameter
90 mm
Height
23 mm
Style
round
Optic Material
Silicone
Holder Material
Fastening
screw
Status
production ready
ROHS Compliant
Yes
Date Updated
15/02/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
VERO29
48 deg
Streetligh...
87 %
0.680
-
Vero SE 29
46 deg
Streetligh...
87 %
0.710
-
Vero SE 13
27 deg
Streetligh...
85 %
1.600
-
Vero SE 18
31 deg
Streetligh...
86 %
1.300
-
V10 Gen7
sim: 18
Streetligh...
sim: 85 % sim: 4.010 Bender Wirth: 434 Typ Z1
V22 Gen7
sim: 30
Streetligh...
sim: 84 % sim: 0.457 IDEAL: 50-2204CT
V18 Gen7
sim: 26
Streetligh...
sim: 85 % sim: 1.970 BJB: 47.319.2350
V13 Gen7
sim: AsymmetricStreetligh...
sim: 86 % sim: 0.000 -
V22 Gen7
36 deg
Streetligh...
84 %
0.970
Bender Wirth: 431 Typ Z1
CLL04x/CLU04x
36 deg
Streetligh...
86 %
1.100
-
CLL05x/CLU05x
sim: 46
Streetligh...
sim: 91 % sim: 0.840 -
CXA/B 3590
sim: 37
Streetligh...
sim: 83 % sim: 1.100 -
CXA/B 25xx
sim: 24
Streetligh...
sim: 83 % sim: 2.500 -
CXA/B 30xx
37 deg
Streetligh...
88 %
1.000
BJB: 47.319.2151
CXA/B 1816 & CXA/B 1820 & CXA 1850 24 deg
Streetligh...
84 %
1.900
-
LUXEON CoB 1216/1812
39 deg
Streetligh...
86 %
0.930
-
LUXEON CoB 1208
sim: 23
Streetligh...
sim: 82 % sim: 2.800 -
LUXEON CoB 1321
50 deg
Streetligh...
85 %
0.600
-
LUXEON CoB 1825
56 deg
Streetligh...
84 %
0.540
-
CXM-22
38 deg
Streetligh...
86 %
0.930
Bender Wirth: 431 Typ L3
COB H-Type
38 deg
Streetligh...
85 %
0.920
-
COB J-Type
26 deg
Streetligh...
85 %
1.600
-
Soleriq P13
25 deg
Streetligh...
89 %
1.900
-
Soleriq S19
32,1 deg
Streetligh...
84 %
1.219
-
Fortimo SLM 1211 L19 G6 Poke-In
33 deg
Streetligh...
87 %
1.200
-
January 22nd 2018 7:49 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - FN14720

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN1470033 ETC2-FN1470033 Datasheet
252Kb / 3P
3.3V CMOS Low Jitter XO
More results

Similar Description - FN14720

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN14412 CREE-FCN14412 Datasheet
696Kb / 7P
STELLA series
FCN14661 CREE-FCN14661 Datasheet
458Kb / 3P
STELLA series
FN13323 CREE-FN13323 Datasheet
4Mb / 66P
STELLA series
FN14253 CREE-FN14253 Datasheet
1Mb / 29P
STELLA series
FN14645 CREE-FN14645 Datasheet
2Mb / 39P
STELLA series
FN14976 CREE-FN14976 Datasheet
3Mb / 43P
STELLA series
FN15187 CREE-FN15187 Datasheet
1Mb / 15P
STELLA series
logo
Ledil, Inc.
FN14074 LEDIL-FN14074 Datasheet
2Mb / 48P
Stella series
FN15264 LEDIL-FN15264 Datasheet
3Mb / 58P
Stella series
FN15379 LEDIL-FN15379 Datasheet
3Mb / 54P
Stella series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com