Electronic Components Datasheet Search
  English  ▼

X  

F13322 Datasheet(PDF) 58 Page - Ledil, Inc.

Part # F13322
Description  Stella series
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F13322 Datasheet(HTML) 58 Page - Ledil, Inc.

Back Button F13322 Datasheet HTML 50Page - Ledil, Inc. F13322 Datasheet HTML 51Page - Ledil, Inc. F13322 Datasheet HTML 52Page - Ledil, Inc. F13322 Datasheet HTML 53Page - Ledil, Inc. F13322 Datasheet HTML 54Page - Ledil, Inc. F13322 Datasheet HTML 55Page - Ledil, Inc. F13322 Datasheet HTML 56Page - Ledil, Inc. F13322 Datasheet HTML 57Page - Ledil, Inc. F13322 Datasheet HTML 58Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 58 / 58 page
background image
NOTE: The typical divergence will be changed by different color, chip size and chip position
tolerance. The typical total divergence is the full angle measured where the luminous intensity
is half of the peak value.
GENERAL INFORMATION
- Product series especially designed & optimized for series of LEDs.
- Special care taken to make light distribution as uniform as possible.
Note! Due to use of high power COB's with this product, special attention to proper thermal design is highly
recommended. LEDiL has no liability for direct, indirect or consecutive damages arising from the LEDiL
products being used outside of the recommended temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58