Electronic Components Datasheet Search
  English  ▼

X  

TLV320ALC23 Datasheet(PDF) 39 Page - Texas Instruments

Part # TLV320ALC23
Description  Evaluation Platform for the TLV320ALC23 Stereo Audio CODEC and TLV230DAC23 Stereo DAC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320ALC23 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TLV320ALC23 Datasheet HTML 35Page - Texas Instruments TLV320ALC23 Datasheet HTML 36Page - Texas Instruments TLV320ALC23 Datasheet HTML 37Page - Texas Instruments TLV320ALC23 Datasheet HTML 38Page - Texas Instruments TLV320ALC23 Datasheet HTML 39Page - Texas Instruments TLV320ALC23 Datasheet HTML 40Page - Texas Instruments TLV320ALC23 Datasheet HTML 41Page - Texas Instruments TLV320ALC23 Datasheet HTML 42Page - Texas Instruments TLV320ALC23 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
Bill of Materials
6-3
Kit Contents
6.2
Bill of Materials
Description
Qty.
Part Number
Mfr.
Ref. Des.
AND Gate, Single 2–Input Positive
1
SN74AHC1G08DBVR
Texas Instruments
AND2
AND Gate, Single 2–Input Positive
1
SN74AHCT1G08DBVR
Texas Instruments
AND1
Buffer/Driver, Dual w/3–State Outputs
3
SN74LVC2G241DCTR
Texas Instruments
U3, U4, U5
CAP 27PFD 50V CERM 0603 NPO
2
ECU–V1H270JCV
Panasonic
C13, C14
CAP 47PFD 50V CERM 0603 NPO
3
ECJ–1VC1H470J
Panasonic
C3, C5, C8
CAP .01UFD 16V CERM 0603 X7R
2
ECJ–1VB1C104K
Panasonic
C15, C25
CAP .01UFD 25V CERM 0603 X7R
11
ECJ–1VB1E103K
Panasonic
C21, C23, C29, C31,
C33, C35, C36, C38,
C40, C42, C43
CAP 0.1UFD 50V CERM 0805 X7R
1
ECJ–2YB1H104K
Panasonic
C12
CAP 1.0UFD 16V CERM 0805 X7R
14
ECJ–2VF1C105Z
Panasonic
C1, C2, C4, C6, C7, C20,
C22, C28, C30, C32,
C34, C37, C39, C41
CAP 10UFD 6.3V TANT ELEC SMD TEA
1
ECS–T0JY106R
Panasonic
C11
CAP 10UFD 16V ALUM ELEC SM–VSA
4
ECE–V1CS100SR
Panasonic
C16, C17, C18, C19
CAP 100UFD 10V RAD ALUM ELEC
HFQ
3
ECA–1AFQ101
Panasonic
C9, C10, C24
Codec, 16–Bit Stereo Audio
1
TLV320AIC23PW
Texas Instruments
U1
Connector, 20 Pin Box Header
1
2520–6002UB
3M
J7
Ferrite Bead, 11 Ohms 1.5A SM0805
2
MI0805K110R–00
Steward
FB5, FB7
Ferrite Bead, 31 Ohms 1.5A SM1206
3
MI1206K310R–00
Steward
FB1, FB3, FB4
Header, 2 Pin Male, Straight, Gold
1
PZC02SAAN
Sullins
JP2
Header, 3 Pin Male, Straight, Gold
1
PZC03SAAN
Sullins
JP1
Jack, MINI–Mono, PCB–RA, 3,5 mm
1
MJ–3502N
CUI Stack
J3
Jack, MINI–Stereo, PCB–RA, 3,5 mm
3
SJ–3535N
CUI Stack
J4, J1, J2
Jack, PWR–MINI, 2.5mm SMD+TH
1
RASH712
Switchcraft
PJ1
Jack, RCA, PCB–Right Angle, Black
4
16PJ097
DGS Pro Audio
J1L, J1R, J2L, J2R
Jack, SMA PCB Gold
2
901–144–8–RFX
Amphenol
J8, J6
Jack, PS2–Female, 8 Position, PCB–
Right Angle
1
MD–80S
CUI Stack
J5
LED, Red SM1206
1
CMD15–21VRD/TR8
Chicago Miniature
LED1
MUX, Single 2to1 W/Common Strobe
1
SN74LVC2G157DCTR
Texas Instruments
U2
Rectifier, Silicon 1A 400V
1
DL400413
Diodes, Inc.
CR2
Rectifier, SW 0.15A 75V SMT MiniMELF
1
DL4148
Micro Commercial
Co.
CR1
RES 0.0 OHM 1/10W 5% SMD 0805
1
ERJ–GEY0R00V
Panasonic
R7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com