Electronic Components Datasheet Search
  English  ▼

X  

MPXM2102A Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPXM2102A
Description  100 kpa ON - CHIP TEMPERATURE COMPENSATED AND CALIBRATED SILICON PRESSURE SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102A Datasheet(HTML) 1 Page - Motorola, Inc

  MPXM2102A Datasheet HTML 1Page - Motorola, Inc MPXM2102A Datasheet HTML 2Page - Motorola, Inc MPXM2102A Datasheet HTML 3Page - Motorola, Inc MPXM2102A Datasheet HTML 4Page - Motorola, Inc MPXM2102A Datasheet HTML 5Page - Motorola, Inc MPXM2102A Datasheet HTML 6Page - Motorola, Inc MPXM2102A Datasheet HTML 7Page - Motorola, Inc MPXM2102A Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
100 kPa
On-Chip Temperature
Compensated & Calibrated
Silicon Pressure Sensors
The MPXM2102 device is a silicon piezoresistive pressure sensors providing a highly
accurate and linear voltage output — directly proportional to the applied pressure. The
sensor is a single, monolithic silicon diaphragm with the strain gauge and a thin–film
resistor network integrated on–chip. The chip is laser trimmed for precise span and offset
calibration and temperature compensation.
Features
• Temperature Compensated Over 0°C to +85°C
• Unique Silicon Shear Stress Strain Gauge
• Easy to Use Tape & Reel
• Ratiometric to Supply Voltage
• Gauge Ported & Non Ported Options
Application Examples
• Pump/Motor Controllers
• Robotics
• Level Indicators
• Medical Diagnostics
• Pressure Switching
• Barometers
• Altimeters
Figure 1 shows a block diagram of the internal circuitry on the stand–alone pressure
sensor chip.
Figure 1. Temperature Compensated Pressure Sensor Schematic
VS
3
X-ducer
SENSING
ELEMENT
THIN FILM
TEMPERATURE
COMPENSATION
AND
CALIBRATION
CIRCUITRY
2
4
Vout+
Vout-
1
GND
VOLTAGE OUTPUT versus APPLIED DIFFERENTIAL PRESSURE
The differential voltage output of the X–ducer is directly proportional to the differential
pressure applied.
The output voltage of the differential or gauge sensor increases with increasing
pressure applied to the pressure side (P1) relative to the vacuum side (P2). Similarly,
output voltage increases as increasing vacuum is applied to the vacuum side (P2)
relative to the pressure side (P1).
Preferred devices are Motorola recommended choices for future use and best overall value.
X–ducer is a trademark of Motorola, Inc.
Order this document
by MPXM2102/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 2000
MPXM2102
SERIES
0 to 100 kPa (0 to 14.5 psi)
40 mV FULL SCALE SPAN
(TYPICAL)
PIN NUMBER
1
2
Gnd
+Vout
3
4
VS
–Vout
Motorola Preferred Device
CASE 1320A–02
MPAK, STYLE 1
CASE 1320A–02
MPAK, STYLE 2
SCALE 2:1
SCALE 2:1
REV 0


Similar Part No. - MPXM2102A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXM2102A MOTOROLA-MPXM2102A Datasheet
6Mb / 670P
Sensor
logo
Freescale Semiconductor...
MPXM2102A FREESCALE-MPXM2102A Datasheet
262Kb / 9P
100 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPXM2102A FREESCALE-MPXM2102A Datasheet
299Kb / 16P
100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
MPXM2102A FREESCALE-MPXM2102A Datasheet
397Kb / 20P
DEMOAPEXSENSOR Usage Altitude Pressure EXperimental (APEX) Sensor Board
MPXM2102A FREESCALE-MPXM2102A Datasheet
768Kb / 10P
Altimeter and Barometer System
More results

Similar Description - MPXM2102A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPMZ2202 FREESCALE-MPMZ2202 Datasheet
108Kb / 7P
200 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2102 FREESCALE-MPX2102 Datasheet
344Kb / 14P
100 kPa On-Chip Temperature Compensated AND Calibrated Silicon Pressure Sensors
MPXM2102 FREESCALE-MPXM2102 Datasheet
262Kb / 9P
100 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPX2053 FREESCALE-MPX2053_08 Datasheet
388Kb / 19P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2100 FREESCALE-MPX2100_08 Datasheet
142Kb / 10P
100 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXM2051G FREESCALE-MPXM2051G_09 Datasheet
113Kb / 7P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2053 FREESCALE-MPX2053_12 Datasheet
310Kb / 17P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXV2050 FREESCALE-MPXV2050 Datasheet
139Kb / 7P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX2050 NXP-MPX2050 Datasheet
167Kb / 9P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 9, 10/2008
MPX2100 NXP-MPX2100 Datasheet
185Kb / 10P
100 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 10, 10/2008
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com