Electronic Components Datasheet Search
  English  ▼

X  

MSK620B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MSK620B
Description  WIDE BANDWIDTH VIDEO AMPLIFIER SYSTEM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MSK620B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MSK620B Datasheet HTML 1Page - List of Unclassifed Manufacturers MSK620B Datasheet HTML 2Page - List of Unclassifed Manufacturers MSK620B Datasheet HTML 3Page - List of Unclassifed Manufacturers MSK620B Datasheet HTML 4Page - List of Unclassifed Manufacturers MSK620B Datasheet HTML 5Page - List of Unclassifed Manufacturers MSK620B Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
APPLICATION NOTES
Pin 6 is the video input pin. The video input signal is coupled
to this point through a 30Ω, 10µF 'RC' filter as shown in figure
two. The MSK 620 is designed to receive input voltages as
high as ±13.5V.
VIDEO INPUT
Pin 16 is the (-) clamp input pin. This pin is the inverting
input to the clamp comparator. A 10KΩ feedback resistor is
connected from this pin to the output pin of the amplifier (pin
14). When the clamp comparator is enabled, the voltage at pin
16 is compared to the voltage at pin 17, which is the non-
inverting input of the clamp comparator. A source or sink cur-
rent is generated at pin 10 to charge or discharge the clamp
cap and supply DC bias to the video amplifier. The DC voltage
at pin 17 is user adjustable through a 100KΩ potentiometer
voltage divider to Vref (see Figure 2). In DC coupled cathode
drive applications, brightness can be varied by varying the DC
voltage at pin 17.
CLAMP CONNECTIONS
Pin 11 is the clamp gate input pin and is driven by a TTL back
porch clamp signal. A voltage level of +1.3V or less is a "low
level" and a voltage level of +1.5V or greater is a "high level".
An active low level at this pin enables the clamp comparator
section so that DC restoration can be accomplished. This pin
should be held at a "high" logic level when a back porch clamp
signal is not used.
DC RESTORATION
Pins 15 is a no connect pin and should be tied to the nearest
available video ground plane.
NO CONNECT PINS
A typical single video channel connection diagram for the
MSK 620 is shown in Figure 1 above. The DC voltage at pin 6
is internally fixed at +2.6V and the video signal is AC coupled
to the input. An internal reference voltage generator supplies a
+5.0VDC level at pin 9 for use with the contrast, drive and
brightness control potentiometers. With pin 7 at 0V, minimum
gain is realized. With pin 7 at 4V, maximum gain is realized.
The clamp gate input at pin 11 accepts a TTL level clamp signal
for DC restoration during the back porch segment of the video
signal. Pin 17 is the brightness control input pin and accepts a
zero to four volt DC level. This level sets the black level of the
signal. If pin 17=+1VDC the signal black level will be +1VDC.
The 499Ω load resistor biases the class A output stage and
should be included during the power dissipation calculation stage.
499Ω is the minimum recommended value of load resistance
for the MSK 620.
Pin 10 is the clamp comparator output pin. A capacitance of
approximately 0.1µF is connected from this pin to ground. Dur-
ing the "back porch" portion of the clamp signal, the clamp
capacitor is either charged or discharged to match the voltage
set on the non-inverting input of the clamp comparator (pin
16). During the video portion of the input signal, the clamp
comparator is disabled and the clamp cap holds the proper DC
bias in the video amplifier.
CLAMP CAP
OUTPUT
Pin 14 is the video output pin. Since the output of the MSK
620 is a push pull design, there is no need for an external
pullup resistor. A 499Ω load resistor to analog ground will
optimize the output stage current level and bandwidth and is
highly recommended.
POWER SUPPLY CONNECTIONS
Pin 13 is the positive power supply pin. Convenient internal
power supply decoupling consists of a parallel combination of
three capacitors ranging from 0.01µF to 0.47µF. The user is
advised to connect at least a 4.7µF tantalum decoupling ca-
pacitor as close to the power supply pin as possible.
Vref OUTPUT
Pin 9 is the Vref output pin. This pin connects to the output
of an ultra stable 5.0VDC reference voltage generator internal
to the MSK 620. This reference is used as a voltage source for
the contrast, drive and clamp inputs.
Pin 8 is the drive control input. This pin accepts a DC voltage
to control overall gain. Pin 8 is internally decoupled to ground
with a 0.1uF capacitor. With 0V at pin 8, the gain is minimum
(-6dB). With 4V at pin 8, the gain is maximum (0dB). Drive
control is approximated by the following formula:
ATTENUATION (dB) = (1.5) x (DRIVE VOLTAGE) - (6dB)
See graph of Attenuation vs. Drive Control Voltage.
DRIVE CONTROL
CONTRAST CONTROL
To achieve contrast control, pin 1 is shorted to pin 2 and pin
3 is shorted to pin 4. The voltages at pins 1 and 4 are con-
trolled by the input voltage at pin seven. As the voltage at pin
7 increases, the voltages at pins 1 and 4 become offset. With
pin 7 at zero volts, pins 1 and 4 are at minimum offset and the
contrast is set to the minimum value of -38dB typical. With pin
7 at 4V, pins 1 and 4 are at maximum offset and contrast is
maximized to +26dB. Pin 7 is internally decoupled to ground
with a 0.1uF capacitor.
Rev. A 8/00
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com