Electronic Components Datasheet Search
  English  ▼

X  

MSK4220 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MSK4220
Description  75 VOLT 8 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MSK4220 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MSK4220 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSK4220 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSK4220 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSK4220 Datasheet HTML 4Page - List of Unclassifed Manufacturers MSK4220 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
75V
16V
8A
14A
GND-2V min. To V+ max.
5.3°C/W
OUTPUT CHARACTERISTICS
VDS(ON) Voltage
Instantaneous Forward Voltage
Reverse Recovery Time
Leakage Current
PWM Frequency
Vcc SUPPLY CHARACTERISTICS
Quiescent Bias Current
Vcc Voltage Range
INPUT SIGNAL CHARACTERISTICS
Analog Input Voltage
Analog Input Voltage
Analog Input Voltage
LOGIC CONTROL INPUTS
SWITCHING CHARACTERISTICS
Rise-Time
Fall-Time
Dead-Time
High Voltage Supply
Logic Supply
Continuous Output Current
Peak Output Current
Output Voltage Range
Thermal Resistance
(Output Switches)
ABSOLUTE MAXIMUM RATINGS
V+
VCC
IOUT
IPK
VOUT
θJC
-65°C to +150°C
300°C
-25°C to +125°C
+150°C
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK4220
Junction Temperature
TST
TLD
TC
TJ
Disable Input
HEN Input
Each MOSFET ID=10A
Each MOSFET IS=10A Intrinsic Diode
Intrinsic Diode
Each MOSFET V+=70V
Analog Input=6VDC
Output A,B=50% Duty Cycle
Output A=100% Duty Cycle High
Output B=100% Duty Cycle High
Input Voltage LO
Input Voltage HI
Input Current (DISABLE=0V)
Input Voltage LO
Input Voltage HI
Input Current (HEN=0V)
RL=100Ω
Parameter
ELECTRICAL SPECIFICATIONS
Units
V
V
nS
uA
KHz
mA
V
V
V
V
V
V
uA
V
V
uA
nS
nS
nS
All Ratings: Tc= +25°C Unless Otherwise Specified
1
1
1
1
1
Max.
2.5
2.5
280
25
50
25
16
-
-
-
0.8
-
-135
0.8
-
-270
108
500
-
MSK 4220
Typ.
1.7
2.0
-
1.0
45
20
12
6
4
8
-
-
-
-
-
-
72
340
100
Min.
-
-
-
-
40
-
9
-
-
-
-
2.7
-
-
2.7
-
-
-
-
Test Conditions 2
1
Rev. D 6/00
2
1
2
3
NOTES:
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Vcc=+12V unless otherwise specified.
Measure using a 300µS pulse with a 2% Duty Cycle.
1
1
3
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com