Electronic Components Datasheet Search
  English  ▼

X  

SRD10L150PHS Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # SRD10L150PHS
Description  Trench Barrier Schottky Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SRD10L150PHS Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  SRD10L150PHS Datasheet HTML 1Page - SamHop Microelectronics Corp. SRD10L150PHS Datasheet HTML 2Page - SamHop Microelectronics Corp. SRD10L150PHS Datasheet HTML 3Page - SamHop Microelectronics Corp. SRD10L150PHS Datasheet HTML 4Page - SamHop Microelectronics Corp. SRD10L150PHS Datasheet HTML 5Page - SamHop Microelectronics Corp. SRD10L150PHS Datasheet HTML 6Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.samhop.com.tw
Apr,13,2015
2
VF, Instantaneous Forward Voltage (V)
Figure 1. Typical Forward Characteristics
0
0.2
0.4
VR, Instantaneous Reverse Voltage (V)
Figure 2. Typical Reverse Characteristics
1
0.1
0.01
1
20
40
60
80
10
100
1000
10000
IF(AV) Average Forward Current (A)
Figure 4. Forward Power Dissipation
4
2
0
0
2
4
6
6
8
10
8
TC, Case Temp (°C)
Figure 3. Forward Current Derating Curve
4
2
0
0
25
50
75
125
6
8
10
12
100
150
Based on Lead Temp (°C)
100000
Note 1
Note : 1.Device mounted on FR-4 substrate, 2oz copper.
12
14
Ver 1.1
100
12
0.6
0.8
10
1
0.001
100
0.1
0.01
10
SRD10L150PHS
SRD10L150FHS
-55 C
25 C
85 C
TA=150 C
125 C
120
140
TA=150 C
125 C
-55 C
25 C
85 C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com