Electronic Components Datasheet Search
  English  ▼

X  

ACE25AC512GTMTH Datasheet(PDF) 17 Page - ACE Technology Co., LTD.

Part # ACE25AC512GTMTH
Description  SPI NOR FLASH
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AC512GTMTH Datasheet(HTML) 17 Page - ACE Technology Co., LTD.

Back Button ACE25AC512GTMTH Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25AC512GTMTH Datasheet HTML 14Page - ACE Technology Co., LTD. ACE25AC512GTMTH Datasheet HTML 15Page - ACE Technology Co., LTD. ACE25AC512GTMTH Datasheet HTML 16Page - ACE Technology Co., LTD. ACE25AC512GTMTH Datasheet HTML 17Page - ACE Technology Co., LTD. ACE25AC512GTMTH Datasheet HTML 18Page - ACE Technology Co., LTD. ACE25AC512GTMTH Datasheet HTML 19Page - ACE Technology Co., LTD. ACE25AC512GTMTH Datasheet HTML 20Page - ACE Technology Co., LTD. ACE25AC512GTMTH Datasheet HTML 21Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
ACE25AC512G
SPI NOR FLASH
VER 1.1
17
AC Characteristics(T=-40℃~85℃,VCC=2.7~3.6V,CL=30pf)
Symbol
Parameter
Min.
Typ
Max.
Unit
fC
Serial Clock Frequency For:Fast Read(0BH),
DC
120
MHz
fR
Serial Clock Frequency For:Read(03H)
DC
40
MHz
tCLH
Serial Clock High Time
4
ns
tCLL
Serial Clock Low Time
4
ns
tCLCH
Serial Clock Rise Time(Slew Rate)
0.2
V/ns
tCHCL
Serial Clock Fall Time(Slew Rate)
0.2
V/ns
tSLCH
CS# Active Setup Time
5
ns
tCHSH
CS# Active Hold Time
5
ns
tSHCH
CS# Not Active Setup Time
5
ns
tCHSL
CS# Not Active Hold Time
5
ns
tSHSL
CS# High Time (read/write)
20
ns
tSHQZ
Output Disable Time
6
ns
tCLQX
Output Hold Time
1
ns
tDVCH
Data In Setup Time
2
ns
tCHDX
Data In Hold Time
2
ns
tHLCH
Hold# Low Setup Time(relative to Clock)
5
ns
tHHCH
Hold# High Setup Time(relative to Clock)
5
ns
tCHHL
Hold# High Hold Time(relative to Clock)
5
ns
tCHHH
Hold# Low Hold Time(relative to Clock)
5
ns
tHLQZ
Hold# Low To High-Z Output
6
ns
tHHQX
Hold# Low To Low-Z Output
6
ns
tCLQV
Clock Low To Output Valid
6.5
ns
tWHSL
Write Protect Setup Time Before CS# Low
20
ns
tSHWL
Write Protect Hold Time After CS# High
100
ns
tRES2
CS# High To Standby Mode With Electronic
Signature Read
0.1
us
tW
Write Status Register Cycle Time
50
100
ms
tPP
Page Programming Time
1.5
2
ms
tSE
Sector Erase Time
150
300
ms
tBE
Block Erase Time
0.8
1.5
s
tCE
Chip Erase Time
6
10
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com