Electronic Components Datasheet Search
  English  ▼

X  

LBQH9G Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LBQH9G
Description  Backlighting
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBQH9G Datasheet(HTML) 1 Page - OSRAM GmbH

  LBQH9G Datasheet HTML 1Page - OSRAM GmbH LBQH9G Datasheet HTML 2Page - OSRAM GmbH LBQH9G Datasheet HTML 3Page - OSRAM GmbH LBQH9G Datasheet HTML 4Page - OSRAM GmbH LBQH9G Datasheet HTML 5Page - OSRAM GmbH LBQH9G Datasheet HTML 6Page - OSRAM GmbH LBQH9G Datasheet HTML 7Page - OSRAM GmbH LBQH9G Datasheet HTML 8Page - OSRAM GmbH LBQH9G Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2015-09-02
1
2015-09-02
CHIPLED 0402
Datasheet
Version 1.2
LB QH9G
Features:
Besondere Merkmale:
Package: SMT package 0402, colorless diffused
resin
Gehäusetyp: SMT package 0402, farbloser
diffuser Verguss
Technology: InGaN
Technologie: InGaN
Viewing angle at 50 % IV: 115° (horizontal); 170°
(vertical)
Abstrahlwinkel bei 50 % IV: 115° (horizontal);
170° (vertical)
Color: blue (470 nm)
Farbe: blau (470 nm)
Optical efficiency (typ.): 9.8 lm/W (blue)
Optischer Wirkungsgrad (typ.): 9.8 lm/W (blau)
ESD - withstand voltage: up to 2 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM)
ESD - Festigkeit: bis 2 kV nach
ANSI/ESDA/JEDEC JS-001 (HBM)
Applications
Anwendungen
Backlighting
Hinterleuchtung
Toys
Spielsachen
Signal and Symbol Luminary
Signal- und Symbolleuchten
Optical Indicator
Optischer Indikator


Similar Part No. - LBQH9G

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBQH9G-N1OO-35-1 OSRAM-LBQH9G-N1OO-35-1 Datasheet
741Kb / 21P
Signal and Symbol Luminary
More results

Similar Description - LBQH9G

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KWDNLS31.RA OSRAM-KWDNLS31.RA Datasheet
738Kb / 24P
Backlighting
LOE67F OSRAM-LOE67F Datasheet
445Kb / 20P
Backlighting
LOM670 OSRAM-LOM670 Datasheet
479Kb / 19P
Backlighting
LWY1SG OSRAM-LWY1SG_14 Datasheet
551Kb / 22P
Backlighting
LTW5SM OSRAM-LTW5SM Datasheet
633Kb / 21P
Backlighting
LTPWSG OSRAM-LTPWSG Datasheet
759Kb / 22P
Backlighting
LWQ38G OSRAM-LWQ38G Datasheet
562Kb / 22P
Backlighting
LAT67D OSRAM-LAT67D Datasheet
757Kb / 20P
Backlighting
LBE6SG OSRAM-LBE6SG Datasheet
604Kb / 21P
Backlighting
LBE63C OSRAM-LBE63C_16 Datasheet
1Mb / 22P
Backlighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com