Electronic Components Datasheet Search
  English  ▼

X  

LWVH8G Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LWVH8G
Description  Signal and Symbol Luminary
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWVH8G Datasheet(HTML) 1 Page - OSRAM GmbH

  LWVH8G Datasheet HTML 1Page - OSRAM GmbH LWVH8G Datasheet HTML 2Page - OSRAM GmbH LWVH8G Datasheet HTML 3Page - OSRAM GmbH LWVH8G Datasheet HTML 4Page - OSRAM GmbH LWVH8G Datasheet HTML 5Page - OSRAM GmbH LWVH8G Datasheet HTML 6Page - OSRAM GmbH LWVH8G Datasheet HTML 7Page - OSRAM GmbH LWVH8G Datasheet HTML 8Page - OSRAM GmbH LWVH8G Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2016-03-01
1
2016-03-01
FIREFLY 0402
Datasheet
Version 2.1
LW VH8G
The FIREFLY is designed for use in mobile
communication applications. Due to its low height and
optical characteristics it is optimized for flat
backlighting of keypads.
Die FIREFLY wurde für den Einsatz in Consumer
Anwendungen entwickelt. Aufgrund ihrer geringen
Bauteilhöhe und optischen Eigenschaften ist sie
optimiert für flache indirekte Hinterleuchtung von
Schaltern.
Features:
Besondere Merkmale:
•
Package: SMT package, standard SMT footprint
0402, colored diffused resin
•
Gehäusetyp: SMT Gehäuse, standard SMT
footprint 0402, farbiger diffuser Verguss
•
Technology: InGaN
•
Technologie: InGaN
•
Viewing angle at 50 % I
V: 105° (horizontal); 165°
(vertical)
•
Abstrahlwinkel bei 50 % I
V: 105° (horizontal);
165° (vertical)
•
Color: Cx = 0.29, Cy = 0.28 acc. to CIE 1931
(white)
•
Farbe: Cx = 0.29, Cy = 0.28 nach CIE 1931 (weiß)
•
Optical efficiency (typ.): 35 lm/W (white)
•
Optischer Wirkungsgrad (typ.): 35 lm/W (weiß)
Applications
Anwendungen
•
Backlighting
•
Hinterleuchtung
•
Toys
•
Spielsachen
•
Signal and Symbol Luminary
•
Signal- und Symbolleuchten


Similar Part No. - LWVH8G

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWVH8G-Q2OO-4M6N-1 OSRAM-LWVH8G-Q2OO-4M6N-1 Datasheet
964Kb / 23P
SMT package
More results

Similar Description - LWVH8G

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRVH9F-P2R1-1 OSRAM-LRVH9F-P2R1-1 Datasheet
684Kb / 21P
Signal and Symbol Luminary
LRY8SF-U1V2-1 OSRAM-LRY8SF-U1V2-1 Datasheet
494Kb / 21P
Signal and Symbol Luminary
LTQH9G-Q2OO-25-2Z4Y OSRAM-LTQH9G-Q2OO-25-2Z4Y Datasheet
730Kb / 21P
Signal and Symbol Luminary
LTVH9G-Q2OO-25-1 OSRAM-LTVH9G-Q2OO-25-1 Datasheet
694Kb / 21P
Signal and Symbol Luminary
LUWCRBP-LXLZ-G4J4-1 OSRAM-LUWCRBP-LXLZ-G4J4-1 Datasheet
990Kb / 22P
Signal and Symbol Luminary
LYCKBP-JYKX-46-1 OSRAM-LYCKBP-JYKX-46-1 Datasheet
932Kb / 21P
Signal and Symbol Luminary
LRT64F OSRAM-LRT64F Datasheet
2Mb / 24P
Signal and Symbol Luminary
LRT67D OSRAM-LRT67D Datasheet
756Kb / 20P
Signal and Symbol Luminary
LRY8SF OSRAM-LRY8SF Datasheet
494Kb / 21P
Signal and Symbol Luminary
LVT6SG OSRAM-LVT6SG Datasheet
695Kb / 24P
Signal and Symbol Luminary
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com