Electronic Components Datasheet Search
  English  ▼

X  

SSL-LX80113GD Datasheet(PDF) 1 Page - LUMEX INC.

Part # SSL-LX80113GD
Description  T-8mm 565mm GREEN LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SSL-LX80113GD Datasheet(HTML) 1 Page - LUMEX INC.

  SSL-LX80113GD Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - SSL-LX80113GD

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LX80113ID LUMEX-SSL-LX80113ID Datasheet
122Kb / 1P
T-8mm 635mm RED LED
SSL-LX80113SGD LUMEX-SSL-LX80113SGD Datasheet
52Kb / 1P
T-8mm 565mm SUPER GREEN LED
SSL-LX80113SID LUMEX-SSL-LX80113SID Datasheet
52Kb / 1P
t-8mm 636mm SUPER HIGH INTENSITY RED LED
SSL-LX80113SOD LUMEX-SSL-LX80113SOD Datasheet
52Kb / 1P
T-8mm 610mm SUPER ORANGE LED
SSL-LX80113SRD-12V LUMEX-SSL-LX80113SRD-12V Datasheet
87Kb / 1P
T-8mm, 660mm RED LED
More results

Similar Description - SSL-LX80113GD

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LX3044GC LUMEX-SSL-LX3044GC_17 Datasheet
68Kb / 1P
T-3mm 565mm GREEN LED
SSL-LX3044GD-12V LUMEX-SSL-LX3044GD-12V Datasheet
68Kb / 1P
T-3mm 565mm GREEN LED
SSL-LX3044GT LUMEX-SSL-LX3044GT Datasheet
66Kb / 1P
T-3mm 565mm GREEN LED
SSL-LX3064GD LUMEX-SSL-LX3064GD Datasheet
67Kb / 1P
T-3mm 565mm GREEN LED
SSL-LX3064LGD-115 LUMEX-SSL-LX3064LGD-115 Datasheet
57Kb / 1P
T-3mm 565mm GREEN LED
SSL-LX4673SYD-LA20 LUMEX-SSL-LX4673SYD-LA20 Datasheet
68Kb / 1P
T-5mm 565mm GREEN LED
SSL-LX80113SGD LUMEX-SSL-LX80113SGD Datasheet
52Kb / 1P
T-8mm 565mm SUPER GREEN LED
SSI-LXH8080GD LUMEX-SSI-LXH8080GD Datasheet
58Kb / 1P
T-8mm 565mm GREEN LED PANEL INDICATOR
SSI-LXH8080GD-150 LUMEX-SSI-LXH8080GD-150 Datasheet
64Kb / 1P
T-8mm 565mm GREEN LED PANEL INDICATOR
SSI-LXH8080SGD-150 LUMEX-SSI-LXH8080SGD-150 Datasheet
64Kb / 1P
T-8mm 565mm SUPER GREEN LED PANEL INDICATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com