Electronic Components Datasheet Search
  English  ▼

X  

P87LPC761 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # P87LPC761
Description  Low power, low price, low pin count (16 pin) microcontroller with 2 kbyte OTP
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC761 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button P87LPC761 Datasheet HTML 29Page - NXP Semiconductors P87LPC761 Datasheet HTML 30Page - NXP Semiconductors P87LPC761 Datasheet HTML 31Page - NXP Semiconductors P87LPC761 Datasheet HTML 32Page - NXP Semiconductors P87LPC761 Datasheet HTML 33Page - NXP Semiconductors P87LPC761 Datasheet HTML 34Page - NXP Semiconductors P87LPC761 Datasheet HTML 35Page - NXP Semiconductors P87LPC761 Datasheet HTML 36Page - NXP Semiconductors P87LPC761 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
Philips Semiconductors
Preliminary data
P87LPC761
Low power, low price, low pin count (16 pin)
microcontroller with 2 kbyte OTP
2002 Mar 07
30
SU01553
TL1
(5 BITS)
TH1
(8 BITS)
OSC/6
OR
OSC/12
OVERFLOW
CONTROL
TR1
INTERRUPT
TF1
Figure 25. Timer 1 in Mode 0 (13-Bit Timer)
Mode 1
Mode 1 is the same as Mode 0, except that all 16 bits of the timer
register (THn and TLn) are used. (See Figures 26 and 27)
Mode 2
Mode 2 configures the Timer register as an 8-bit Counter (TLn) with
automatic reload, as shown in Figures 28 and 29. Overflow from TLn
not only sets TFn, but also reloads TLn with the contents of THn,
which must be preset by software. The reload leaves THn
unchanged. Mode 2 operation is slightly different for Timer 0 and
Timer 1 (see Figures 28 and 29).
Mode 3
When Timer 1 is in Mode 3 it is stopped. The effect is the same as
setting TR1 = 0.
Timer 0 in Mode 3 establishes TL0 and TH0 as two separate 8-bit
counters. The logic for Mode 3 on Timer 0 is shown in Figure 30.
TL0 uses the Timer 0 control bits: C/T, GATE, TR0, and TF0 as well
as the INT0 pin. TH0 is locked into a timer function (counting
machine cycles) and takes over the use of TR1 and TF1 from Timer
1. Thus, TH0 now controls the “Timer 1” interrupt.
Mode 3 is provided for applications that require an extra 8-bit timer.
With Timer 0 in Mode 3, an P87LPC761 can look like it has three
Timer/Counters. When Timer 0 is in Mode 3, Timer 1 can be turned
on and off by switching it into and out of its own Mode 3. It can still
be used by the serial port as a baud rate generator, or in any
application not requiring an interrupt.
SU01545
TL0
(8 BITS)
TH0
(8 BITS)
OSC/6
OR
OSC/12
OVERFLOW
T0 PIN
T0OE
TOGGLE
CONTROL
C/T = 1
C/T = 0
T0 PIN
TR0
GATE
INT0 PIN
INTERRUPT
TF0
Figure 26. Timer/Counter 0 in Mode 1 (16-Bit Timer/Counter)
SU01546
TL1
(8 BITS)
OSC/6
OR
OSC/12
OVERFLOW
CONTROL
TR1
INTERRUPT
TF1
TH1
(8 BITS)
Figure 27. Timer 1 in Mode 1 (16-Bit Timer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com