Electronic Components Datasheet Search
  English  ▼

X  

FP201 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # FP201
Description  Hermetic Flat Pack Thin Film Resistor, Surface Mount Network
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FP201 Datasheet(HTML) 2 Page - Vishay Siliconix

  FP201 Datasheet HTML 1Page - Vishay Siliconix FP201 Datasheet HTML 2Page - Vishay Siliconix FP201 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FP200, FP201, FP202
www.vishay.com
Vishay Dale Thin Film
Revision: 16-Mar-17
2
Document Number: 61073
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Value dependent
DIMENSIONS in inches (millimeters)
DIMENSION
14 LEAD
16 LEAD
MINIMUM
MAXIMUM
MINIMUM
MAXIMUM
A
0.086 (2.18)
0.106 (2.69)
0.045 (1.14)
0.115 (2.92)
b
0.015 (0.38)
0.019 (0.48)
0.015 (0.38)
0.019 (0.48)
C
0.004 (0.10)
0.007 (0.18)
0.003 (0.08)
0.009 (0.23)
D
0.373 (9.47)
0.383 (9.73)
-
0.440 (11.18)
e
0.047 (1.19)
0.053 (1.35)
0.050 (1.27)
BSC
E
0.250 (6.35)
0.260 (6.60)
0.245 (6.22)
0.285 (7.24)
E1
-
0.290 (7.37)
-
0.315 (8.00)
E2
0.158 (4.01)
0.172 (4.37)
0.130 (3.30)
-
E3
0.030 (0.76)
-
0.030 (0.76)
-
L
-
-
0.250 (6.35)
0.370 (9.40)
Q
0.026 (0.66)
-
0.26 (0.66)
0.045 (1.14)
S
-
0.045 (1.14)
-
0.045 (1.14)
S1
0.005 (0.13)
-
0.005 (0.13)
-
k
-
-
0.008 (0.20)
0.015 (0.38)
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: FP2001681001BFBCW
GLOBAL
MODEL
CASE
SIZE
NUMBER OF
RESISTORS
(1 or 2 digits)
OHMIC
VALUE
ABSOLUTE
TOLERANCE
RATIO
TOLERANCE
ABSOLUTE
TCR
RATIO
TCR
PACKAGING
FP200
FP201
FP202
14
16
14
16
14
16
7
8
12
14
13
16
The first 3 digits
are significant
figures and the
last digit
specifies the
number of zeros
to follow. “R”
designates the
decimal point.
Example:
10R0 = 10
1000 = 100
1001 = 1000
A = 0.05 %
B = 0.1 %
C = 0.2 %
D = 0.5 %
F = 1 %
G = 2 %
J = 5 %
K = 10 %
M = 20 %
B = 0.01 %
C = 0.025 %
D = 0.05 %
F = 0.1 %
H = 0.25 %
J = 0.5 %
K = 1 %
X = Not
applicable
A = 10 ppm/°C
B = 25 ppm/°C
D = 50 ppm/°C
E = 100 ppm/°C
C = 2 ppm (1)
D = 3 ppm (1)
F = 5 ppm
G = 10 ppm
X = N/A
W = Carrier
packaging,
100 min.,
1 mult.
Historical Part Number example: FP2001681002BFBC (for reference purposes only)
FP200
16
8
1002
B
F
B
C
MODEL
NUMBER
OF LEADS
NUMBER OF
RESISTORS
RESISTANCE
ABSOLUTE
TOLERANCE
RATIO
TOLERANCE
ABSOLUTE
TCR
RATIO
TCR
A
D
C
S
EE
1
b
k
S
1
e
Q
FLAT-PAK FP200
1
613
001
1
2
FB
C
B
W
20
FP
1
6
8
001
1
0
FB
C
B
W
20
FP



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com