Electronic Components Datasheet Search
  English  ▼

X  

FP202 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # FP202
Description  Hermetic Flat Pack Thin Film Resistor, Surface Mount Network
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FP202 Datasheet(HTML) 1 Page - Vishay Siliconix

  FP202 Datasheet HTML 1Page - Vishay Siliconix FP202 Datasheet HTML 2Page - Vishay Siliconix FP202 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FP200, FP201, FP202
www.vishay.com
Vishay Dale Thin Film
Revision: 16-Mar-17
1
Document Number: 61073
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Hermetic Flat Pack Thin Film Resistor, Surface Mount Network
FEATURES
• Military/aerospace
• Hermetically sealed
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details
Vishay Dale Thin Film offers a broad line of precision resistor networks in hermetic Flat-Packs for surface mount requirements
in military, space or other harsh environmental applications. These networks provide the long-term stability necessary to insure
continuous specification and performance over the 20 years to 30 years life required for space applications. The fabrication of
these devices is performed under tight procedural and environmental controls to insure conformance to all 883C level H or K
requirements. Custom configurations, values and tolerance combinations are available with fast turnaround.
SCHEMATICS
Product may not
be to scale
Available
Available
FP200
Number of Resistors
7, 8
Number of Leads
14, 16
Type Connection
Isolated
Values Available
500
 to 100 k
FP201
Number of Resistors
12, 14
Number of Leads
14, 16
Type Connection
Series
Values Available
500
 to 100 k
FP202
Number of Resistors
13, 15
Number of Leads
14, 16
Type Connection
Common
Values Available
500
 to 100 k
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Passivated nichrome
-
Pin/Lead Number
14, 16
-
Resistance Range
10
 to 1 M (total)
-
TCR: Absolute
± 10 ppm/°C to 50 ppm/°C
-
TCR: Tracking
± 5 ppm/°C (standard)
-
Tolerance: Absolute
± 0.05 % to ± 1 %
-
Tolerance: Ratio
± 0.01 % to ± 0.1 %
-
Power Rating: Resistor
100 mW
-
Power Rating: Package
800 mW
70 °C
Stability: Absolute
R ± 0.05 %
2000 h at +70 °C
Stability: Ratio
R ± 0.015 %
2000 h at +70 °C
Voltage Coefficient
--
Working Voltage
100 V max. not to exceed
-
Operating Temperature Range
-55 °C to +125 °C
-
Storage Temperature Range
-55 °C to +150 °C
-
Noise
--
Thermal EMF
--
Shelf Life Stability: Absolute
R ± 0.01 %
1 year at + 25 °C
Shelf Life Stability: Ratio
R ± 0.002 %
1 year at + 25 °C
1
1
1
P x R


Similar Part No. - FP202

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FP202 SANYO-FP202 Datasheet
154Kb / 5P
Push-Pull Circuit Applications
logo
Vishay Siliconix
FP202 VISHAY-FP202 Datasheet
99Kb / 2P
Hermetic Flat-Pak Resistor Networks
18-Nov-02
FP202 VISHAY-FP202 Datasheet
223Kb / 3P
Hermetic Flat-Pak Resistor Networks
05-Mar-08
FP20214131000A VISHAY-FP20214131000A Datasheet
223Kb / 3P
Hermetic Flat-Pak Resistor Networks
05-Mar-08
FP20214131000B VISHAY-FP20214131000B Datasheet
223Kb / 3P
Hermetic Flat-Pak Resistor Networks
05-Mar-08
More results

Similar Description - FP202

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PRN103 CALMIRCO-PRN103 Datasheet
79Kb / 3P
THIN FILM DIFFERENTIAL TERMINATOR RESISTOR NETWORK
logo
Dubilier
RN164102J DUBILIER-RN164102J Datasheet
114Kb / 1P
SURFACE MOUNT THICK FILM RESISTOR NETWORK RN16
logo
Vishay Siliconix
P1206E3322BBT VISHAY-P1206E3322BBT Datasheet
94Kb / 3P
Commercial Thin Film Resistor, Surface Mount Chip
27-Jun-13
logo
Dubilier
RN164102J DUBILIER-RN164102J_11 Datasheet
184Kb / 1P
SURFACE MOUNT THICK FILM RESISTOR NETWORK RN16
logo
Vishay Siliconix
ORNA2001AUF VISHAY-ORNA2001AUF Datasheet
96Kb / 3P
Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
02-Sep-11
PNS VISHAY-PNS Datasheet
93Kb / 3P
Commercial Thin Film Resistor, Surface Mount Chip
07-Aug-14
DFN VISHAY-DFN Datasheet
110Kb / 3P
Dual Flat No Lead Molded Precision Thin Film Resistor Surface Mount Network
28-May-15
M83401 VISHAY-M83401 Datasheet
92Kb / 4P
Thin Film Resistor Network Military
01-Mar-13
MPH VISHAY-MPH_17 Datasheet
93Kb / 3P
Hermetic, 50 mil Pitch, Leadless Thin Film Chip Resistor, Surface Mount Network
20-Oct-11
MPM VISHAY-MPM_17 Datasheet
105Kb / 3P
Molded, SOT-23 Thin Film Resistor, Surface Mount Divider Network
12-Jul-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com