Electronic Components Datasheet Search
  English  ▼

X  

HVPS Datasheet(PDF) 3 Page - Vishay Siliconix

Part # HVPS
Description  High Value, High Voltage Precision SIP Thin Film Resistor, Through Hole Network
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HVPS Datasheet(HTML) 3 Page - Vishay Siliconix

  HVPS Datasheet HTML 1Page - Vishay Siliconix HVPS Datasheet HTML 2Page - Vishay Siliconix HVPS Datasheet HTML 3Page - Vishay Siliconix HVPS Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HVPS
www.vishay.com
Vishay Dale Thin Film
Revision: 02-Nov-15
3
Document Number: 60091
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MECHANICAL SPECIFICATIONS
Resistive Element
Passivated nichrome
Substrate Material
Alumina
Body
Epoxy coated
Terminals
Copper alloy
Tin/Lead Option
Sn60 - Sn63
Lead (Pb)-free Option
Sn96.5, Ag3.0, Cu0.5
Tin/Lead and Lead (Pb)-free Finish
Hot solder dip
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: HVPS1E1003QUF
GLOBAL MODEL
(3 or 4 digits)
TCR
RESISTANCE
TOLERANCE
PACKAGING
HVPS1
HVPS2
(Tin lead)
HVPS1S
HVPS2S
(Lead (Pb)-free)
(e1)
E = 25 ppm/°C
D = 15 ppm/°C
Y = 10 ppm/°C
Z = 5 ppm/°C
First
3
digits
are
significant
figures.
Last digit specifies
the number of zeros
to follow.
A = 0.05 %
B = 0.1 %
D = 0.5 %
F = 1.0 %
Q = 0.02 %
T = 0.01 %
UF = Tubed
e.g.: 1001 = 1K
1002 = 10K
1005 = 10M
Historical Part Number example: HVPS1E5004B (for reference purposes only)
HVPS1
E
5004
B
SERIES
TCR CHARACTERISTICS
RESISTANCE
TOLERANCE
VPS
2
Y
2
0
S
H
3T
U
0
F
VPS
1
E
1
0
H
3Q
U
0
F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com