Electronic Components Datasheet Search
  English  ▼

X  

MDP01 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MDP01
Description  Thick Film Resistor Networks, Dual-In-Line, Molded DIP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MDP01 Datasheet(HTML) 1 Page - Vishay Siliconix

  MDP01 Datasheet HTML 1Page - Vishay Siliconix MDP01 Datasheet HTML 2Page - Vishay Siliconix MDP01 Datasheet HTML 3Page - Vishay Siliconix MDP01 Datasheet HTML 4Page - Vishay Siliconix MDP01 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MDP 01, 03, 05
www.vishay.com
Vishay Dale
Revision: 12-Sep-13
1
Document Number: 31511
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
FEATURES
• Isolated, bussed, and dual terminator schematics
available
• 0.160" (4.06 mm) maximum seated height and
rugged, molded case construction
• Thick film resistive elements
• Low temperature coefficient (-55 °C to +125 °C)
± 100 ppm/°C
• Reduces total assembly costs
• Compatible with automatic inserting equipment
• Wide resistance range (10
 to 2.2 M)
• Uniform performance characteristics
• Available in tube pack
• Material categorization: For definitions of compliance please
see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are RoHS-compliant and/or parts that are non-RoHS-compliant. For example, parts
with lead (Pb) terminations are not RoHS-compliant. Please see the information/tables in this datasheet for details.
Notes
(1) For resistor power ratings at +25 °C see derating curves
(2) Tighter tracking available
(3) ± 2 % standard, ± 1 %, and ± 5 % available
Note
• For additional information on packaging, refer to the Through-Hole Network Packaging document (www.vishay.com/doc?31542).
Available
Available
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL/
NO. OF
PINS
SCHEMATIC
POWER RATING
ELEMENT (1)
P70 °C
W
RESISTANCE
RANGE
TOLERANCE (3)
± %
TEMPERATURE
COEFFICIENT
(-55 °C to +125 °C)
± ppm/°C
TCR
TRACKING (2)
(-55 °C to +125 °C)
± ppm/°C
WEIGHT
g
MDP 14
01
0.125
10 to 2.2M
1, 2, 5
100
50
1.3
03
0.250
10 to 2.2M
50
05
0.125
Consult factory
100
MDP 16
01
0.125
10 to 2.2M
1, 2, 5
100
50
1.5
03
0.250
10 to 2.2M
50
05
0.125
Consult factory
100
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: MDP1403100RGD04 (preferred part numbering format)
GLOBAL
MODEL
PIN COUNT
SCHEMATIC
RESISTANCE
VALUE
TOLERANCE
CODE
PACKAGING
SPECIAL
MDP
14 = 14 pin
16 = 16 pin
01 = Bussed
03 = Isolated
00 = Special
R =
K = k
M = M
10R0 = 10
680K = 680 k
1M00 = 1.0 M
0000 = 0
 Jumper
F = ± 1 %
G = ± 2 %
J = ± 5 %
S = Special
Z = 0
 Jumper
E04 = Lead (Pb)-free, tube
Blank = Standard
(Dash Number)
(up to 3 digits)
From 1 to 999
as applicable
D04 = Tin/lead, tube
Historical Part Number Example: MDP1403101G (will continue to be accepted)
MDP
14
03
101
G
D04
HISTORICAL MODEL
PIN COUNT
SCHEMATIC
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
New Global Part Numbering: MDP1405121CGD04 (preferred part numbering format)
GLOBAL
MODEL
PIN COUNT
SCHEMATIC
RESISTANCE
VALUE
TOLERANCE
CODE
PACKAGING
SPECIAL
MDP
14 = 14 pin
16 = 16 pin
05 = Dual
terminator
3 digit impedance code,
followed by alpha
modifier (see Impedance
Codes table)
F = ± 1 %
G = ± 2 %
J = ± 5 %
E04 = Lead (Pb)-free, tube
Blank = Standard
(Dash Number)
(up to 3 digits)
From 1 to 999
as applicable
D04 = Tin/lead, tube
Historical Part Number Example: MDP1405221271G (will continue to be accepted)
MDP
14
05
221
271
G
D04
HISTORICAL MODEL
PIN COUNT
SCHEMATIC
RESISTANCE VALUE 1
RESISTANCE VALUE 2
TOLERANCE CODE
PACKAGING
4
0
D
G
R
0
0
1
3
0
4
1
P
D
M
4
0
D
G
C
1
2
1
5
0
4
1
P
D
M


Similar Part No. - MDP01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDP01 VISHAY-MDP01 Datasheet
302Kb / 5P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
28-Jul-06
More results

Similar Description - MDP01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDP16 VISHAY-MDP16 Datasheet
226Kb / 4P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
06-Aug-02
MDP1645 VISHAY-MDP1645 Datasheet
89Kb / 2P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
08-Sep-04
logo
List of Unclassifed Man...
898-5-R220 ETC1-898-5-R220 Datasheet
61Kb / 4P
Dual-In-Line Thick Film Resistor Networks
logo
Vishay Siliconix
SOMC VISHAY-SOMC Datasheet
120Kb / 3P
Thick Film, Dual-in-Line Resistor Networks
21-Aug-06
SOGC45 VISHAY-SOGC45 Datasheet
299Kb / 3P
Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip 45 & 46 Schematics
21-Aug-06
MDP01 VISHAY-MDP01 Datasheet
302Kb / 5P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
28-Jul-06
MDP45 VISHAY-MDP45 Datasheet
276Kb / 3P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
28-Jul-06
MSP08C036K80GEJ VISHAY-MSP08C036K80GEJ Datasheet
402Kb / 5P
Thick Film Resistor Networks, Single-In-Line, Molded SIP
10-Jun-10
MDP45 VISHAY-MDP45_17 Datasheet
97Kb / 3P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
29-Nov-13
MSP VISHAY-MSP_17 Datasheet
101Kb / 5P
Thick Film Resistor Networks, Single-In-Line, Molded SIP
13-Feb-15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com