Electronic Components Datasheet Search
  English  ▼

X  

MTR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MTR
Description  Wire Bondable Thin Film Multi-Tap Resistor Arrays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MTR Datasheet(HTML) 1 Page - Vishay Siliconix

  MTR Datasheet HTML 1Page - Vishay Siliconix MTR Datasheet HTML 2Page - Vishay Siliconix MTR Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MTR
www.vishay.com
Vishay Electro-Films
Revision: 18-Apr-13
1
Document Number: 61045
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wire Bondable Thin Film Multi-Tap Resistor Arrays
Product may not be to scale
The MTR multi-tap resistors, available in two formats, offer
eleven taps allowing the user to select specified increments
a wide range of values. The desired resistance value is
obtained by bonding the wires to the appropriate pads.
These chips are manufactured using Vishay Electro-Films
(EFI) sophisticated Thin Film equipment and manufacturing
technology. The MTRs are 100 % electrically tested and
visually inspected to MIL-STD-883.
FEATURES
• Wire bondable
• Selectable values by wire bonding
• Chip size: 0.030" x 0.030"
• Case: 0303
• Standard resistance range: 100
 to 24 k or
800
 to 240 k
• Resistor material:
Tantalum nitride, self-passivating
• Oxidized silicon substrate for good power dissipation
• Ideally suited for hybrid prototyping
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
The MTR series of multi-tap resistor chips are designed to
satisfy the requirements of prototype development and
circuit trimming in hybrid packages through selective
wire-bonding.
Example:
When the total resistance value is 8 k
, the resistors between pads 8 and 13 are 200 each, and the resistors between pads
1 and 8 are 1 k
 each.
TEMPERATURE COEFFICIENT OF RESISTANCE, VALUES, AND TOLERANCES
PARAMETER
VALUE
UNIT
Total Resistance Range
Format A
Format B
100, 200, 400, 800, 2.4K, 8K, 24K
800, 2.4K, 8K, 24K, 80K, 160K, 240K
7 Resistors Between Pads 1 and 8
5 Resistors Between Pads 8 and 13
Each 12.5 % of total resistance
Each 2.5 % of total resistance
Standard Tolerances
± 10, ± 20 of total resistance of all 12 resistors
%
TCR
± 100
ppm/°C
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
VALUE
UNIT
TCR Tracking Between Elements
± 5
ppm/°C
Noise, MIL-STD-202, Method 308
- 30 typ.
dB
Moisture Resistance, MIL-STD-202, Method 106
± 0.5 max.
R/R
%
Stability, 1000 h, + 125 °C, 125 mW
± 0.5 max.
R/R
%
Operating Temperature Range
- 55 to + 125
°C
Thermal Shock, MIL-STD-202, Method 107, Test Condition F
± 0.25 max.
R/R
%
High Temperature Exposure + 150 °C, 100 h
± 0.5 max.
R/R
%
Dielectric Voltage Breakdown
200
V
Insulation Resistance
1012 min.
Operating Voltage
100 max.
V
DC Power Rating at + 70 °C (Derated to Zero at + 175 °C)
0.250, total R
W
5 x Rated Power Short-Time Overload, + 25 °C, 5 s
± 0.25 max.
R/R
%


Similar Part No. - MTR

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MTR MERITEK-MTR Datasheet
284Kb / 8P
Power Resistors
logo
Heyco.
MTR HEYCO-MTR Datasheet
157Kb / 1P
Unscrewing Snap Rivets
logo
List of Unclassifed Man...
MTR04FTF344 ETC-MTR04FTF344 Datasheet
337Kb / 11P
Muti-Layer Thermistor
MTR04FTF344B102 ETC-MTR04FTF344B102 Datasheet
337Kb / 11P
Muti-Layer Thermistor
MTR04FTF344B103 ETC-MTR04FTF344B103 Datasheet
337Kb / 11P
Muti-Layer Thermistor
More results

Similar Description - MTR

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
STF2020A-1000-BQ25W RCD-STF2020A-1000-BQ25W Datasheet
34Kb / 1P
PRECISION THIN FILM CHIP ARRAYS
logo
IRC - a TT electronics ...
WBC-M0303AG-01-2402-M IRCTT-WBC-M0303AG-01-2402-M Datasheet
524Kb / 3P
Wire Bondable Multi-tap Chip Resistors
WBDDSS4-A-01-1002-JG IRCTT-WBDDSS4-A-01-1002-JG Datasheet
750Kb / 4P
Wire Bondable Resistor Network Arrays
WBD-DSOT23V-470-M-470-M IRCTT-WBD-DSOT23V-470-M-470-M Datasheet
423Kb / 3P
Wire Bondable Resistor/Capacitor Circuits
logo
Vishay Siliconix
MTLP VISHAY-MTLP Datasheet
74Kb / 3P
Wire Bondable Thin Film Micro-Strip Transmission Line Resistor Arrays
16-Nov-17
MTT VISHAY-MTT Datasheet
101Kb / 3P
Wire Bondable Thin Film Multi-Tap Resistor Arrays
06-Apr-17
PRAHR VISHAY-PRAHR Datasheet
117Kb / 7P
ESCC 4001/025 Qualified High Precision Thin Film Chip Resistor Arrays
19-Nov-14
logo
TT Electronics.
DSS4X TTELEC-DSS4X Datasheet
484Kb / 4P
Wire Bondable Resistor Network Arrays
WBC-RC TTELEC-WBC-RC Datasheet
524Kb / 3P
Wire Bondable Resistor
logo
Vishay Siliconix
CLA VISHAY-CLA Datasheet
103Kb / 3P
Wire Bondable Thin Film Resistor Arrays
30-May-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com