Electronic Components Datasheet Search
  English  ▼

X  

PE4239 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4239
Description  SHV Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4239 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4239 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4239 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4239 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SHV Jack Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• Solder Cup Interface Type
• Solder Attachment
• Bulkhead
Features
• Max. Operating Frequency 300 MHz
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4239 SHV jack bulkhead mount connector solder attachment solder cup terminal, .350 inch D hole is part of
our full line of RF components available for same-day shipping. Our SHV jack connector operates up to a maximum frequency
of 300 MHz and offers good VSWR of 1.3:1. This SHV bulkhead connector allows designers to create external connections on
their product enclosures, and can be used in a variety of other rack mount and panel mount applications.
Our SHV jack bulkhead connector PE4239 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable connector assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
300
MHz
VSWR
1.3:1
Operating Voltage (AC)
3,500
Vrms
Dielectric Withstanding Voltage (AC)
5,000
Vrms
.
Mechanical Specifications
Size
Length
1.78 in [45.21 mm]
Width/Dia.
0.492 in [12.50 mm]
.
Weight
0.027 lbs [12.25 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SHV Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, .350 inch D
Hole PE4239
PE4239 REV 1.1
SHV Jack Bulkhead Mount Connector Solder
Attachment Solder Cup Terminal, .350 inch D Hole
RF Connectors Technical Data Sheet
PE4239


Similar Part No. - PE4239

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4239 PEREGRINE-PE4239 Datasheet
249Kb / 8P
SPDT UltraCMOS??RF Switch
PE4239 PEREGRINE-PE4239 Datasheet
285Kb / 9P
SPDT UltraCMOS??RF Switch
logo
Peregrine Semiconductor
PE4239 PSEMI-PE4239 Datasheet
287Kb / 9P
SPDT UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE4239 PEREGRINE-PE4239 Datasheet
287Kb / 9P
SPDT UltraCMOS
PE4239-EK PEREGRINE-PE4239-EK Datasheet
249Kb / 8P
SPDT UltraCMOS??RF Switch
More results

Similar Description - PE4239

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4500 PASTERNACK-PE4500 Datasheet
217Kb / 3P
SHV Jack Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4499 PASTERNACK-PE4499 Datasheet
868Kb / 2P
SHV Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4107 PASTERNACK-PE4107_16 Datasheet
315Kb / 3P
SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4167 PASTERNACK-PE4167_16 Datasheet
341Kb / 3P
SMB Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4170 PASTERNACK-PE4170_16 Datasheet
348Kb / 3P
SMB Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4171 PASTERNACK-PE4171_16 Datasheet
348Kb / 3P
SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4173 PASTERNACK-PE4173_16 Datasheet
349Kb / 3P
75 Ohm SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4238 PASTERNACK-PE4238_16 Datasheet
348Kb / 3P
BNC Twinax Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4315 PASTERNACK-PE4315_16 Datasheet
413Kb / 3P
SHV Jack Bulkhead Mount Connector Clamp/Solder Attachment
PE4499 PASTERNACK-PE4499_16 Datasheet
347Kb / 3P
SHV Jack Bulkhead Mount Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com