Electronic Components Datasheet Search
  English  ▼

X  

PE4243 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4243
Description  C Male Connector Clamp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4243 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4243 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4243 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4243 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• C Male Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG213, RG214, RG8, RG9, RG11, RG225, RG393,
RG144, RG216, RG215 Interface Type
• Clamp/Solder Attachment
Features
• Max. Operating Frequency 11 GHz
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4243 type C male connector with clamp/solder attachment for RG213, RG214, RG8, RG9, RG11, RG225,
RG393, RG144, RG216 and RG215 is part of our full line of RF components available for same-day shipping. Our type C male
connector operates up to a maximum frequency of 11 GHz.
Our type C male connector PE4243 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
11
GHz
Operating Voltage (AC)
1,000
Vrms
.
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range
DC to 6
GHz
VSWR, Max
1.3:1
.
Mechanical Specifications
Size
Length
1.5 in [38.1 mm]
Width/Dia.
0.75 in [19.05 mm]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: C Male Connector Clamp/Solder Attachment for RG213, RG214, RG8, RG9, RG11, RG225,
RG393, RG144, RG216, RG215 PE4243
PE4243 REV 1.1
C Male Connector Clamp/Solder Attachment for RG213, RG214,
RG8, RG9, RG11, RG225, RG393, RG144, RG216, RG215
RF Connectors Technical Data Sheet
PE4243


Similar Part No. - PE4243

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4243 PEREGRINE-PE4243 Datasheet
275Kb / 8P
SPDT UltraCMOS??RF Switch
PE4243-EK PEREGRINE-PE4243-EK Datasheet
275Kb / 8P
SPDT UltraCMOS??RF Switch
PE42430 PEREGRINE-PE42430 Datasheet
415Kb / 11P
UltraCMOS SP3T Reflective
logo
Peregrine Semiconductor
PE42430 PSEMI-PE42430 Datasheet
413Kb / 11P
UltraCMOS SP3T Reflective RF Switch
logo
Peregrine Semiconductor...
PE42430 PEREGRINE-PE42430 Datasheet
413Kb / 11P
UltraCMOS
More results

Similar Description - PE4243

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4951 PASTERNACK-PE4951 Datasheet
270Kb / 3P
C Male Connector Clamp/Solder Attachment For RG14, RG217
PE4952 PASTERNACK-PE4952 Datasheet
237Kb / 3P
C Male Connector Clamp-Solder Attachment For RG59, RG62
PE4954 PASTERNACK-PE4954 Datasheet
226Kb / 2P
C Male Connector Clamp-Solder Attachment For RG218
PE4563 PASTERNACK-PE4563_16 Datasheet
318Kb / 3P
LC Male Connector Clamp/Solder Attachment
PE4024 PASTERNACK-PE4024_16 Datasheet
413Kb / 3P
BNC Male Connector Clamp/Solder Attachment
PE4027 PASTERNACK-PE4027_16 Datasheet
359Kb / 3P
SMA Male Connector Clamp/Solder Attachment
PE4084 PASTERNACK-PE4084_16 Datasheet
392Kb / 4P
BNC Male Connector Clamp/Solder Attachment
PE4242 PASTERNACK-PE4242_16 Datasheet
316Kb / 3P
C Male Connector Clamp/Solder Attachment
PE4244 PASTERNACK-PE4244 Datasheet
403Kb / 3P
C Male Right Angle Connector Clamp/Solder Attachment
PE4434 PASTERNACK-PE4434_14 Datasheet
411Kb / 2P
N Male Connector Clamp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com