Electronic Components Datasheet Search
  English  ▼

X  

PE4244 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4244
Description  C Male Right Angle Connector Clamp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4244 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4244 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4244 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4244 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• C Male Connector
• MIL-STD-348A
• 50 Ohms
• Right Angle Body Geometry
• RG213, RG214, RG8, RG9, RG11, RG225, RG393,
RG144, RG216, RG215 Interface Type
• Clamp/Solder Attachment
Features
• Max. Operating Frequency 3 GHz
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4244 type C male right angle connector with clamp/solder attachment for RG213, RG214, RG8, RG9, RG11,
RG225, RG393, RG144, RG216 and RG215 is part of our full line of RF components available for same-day shipping. Our
type C male connector operates up to a maximum frequency of 3 GHz and offers good VSWR of 1.3:1. Its right angle body
geometry allows for easier connections in tight spaces.
Our type C male right angle connector PE4244 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.3:1
Operating Voltage (AC)
1,000
Vrms
.
Mechanical Specifications
Size
Length
1.86 in [47.24 mm]
Width/Dia.
0.748 in [19.00 mm]
Height
1.327 in [33.71 mm]
.
Weight
0.179 lbs [81.19 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: C Male Right Angle Connector Clamp/Solder Attachment for RG213, RG214, RG8, RG9,
RG11, RG225, RG393, RG144, RG216, RG215 PE4244
PE4244 REV 1.2
C Male Right Angle Connector Clamp/Solder
Attachment for RG213, RG214, RG8, RG9, RG11,
RG225, RG393, RG144, RG216, RG215
RF Connectors Technical Data Sheet
PE4244


Similar Part No. - PE4244

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4244 PEREGRINE-PE4244 Datasheet
251Kb / 6P
SPDT UltraCMOS??RF Switch
logo
Peregrine Semiconductor
PE4244 PSEMI-PE4244 Datasheet
284Kb / 6P
SPDT UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE4244 PEREGRINE-PE4244 Datasheet
284Kb / 6P
SPDT UltraCMOS
PE4244-EK PEREGRINE-PE4244-EK Datasheet
251Kb / 6P
SPDT UltraCMOS??RF Switch
PE42440 PEREGRINE-PE42440 Datasheet
293Kb / 8P
SP4T UltraCMOS??RF Switch 50 ??3000 MHz
More results

Similar Description - PE4244

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4028 PASTERNACK-PE4028_16 Datasheet
371Kb / 4P
SMA Male Right Angle Connector Clamp Solder Attachment
PE4053 PASTERNACK-PE4053_16 Datasheet
369Kb / 3P
BNC Male Right Angle Connector Clamp/Solder Attachment
PE4135 PASTERNACK-PE4135_16 Datasheet
362Kb / 3P
N Male Right Angle Connector Clamp/Solder Attachment
PE4136 PASTERNACK-PE4136_17 Datasheet
408Kb / 3P
N Male Right Angle Connector Clamp/Solder Attachment
PE4226 PASTERNACK-PE4226_16 Datasheet
408Kb / 3P
MHV Male Right Angle Connector Clamp/Solder Attachment
PE4230 PASTERNACK-PE4230 Datasheet
410Kb / 4P
HN Male Right Angle Connector Clamp/Solder Attachment
PE4242 PASTERNACK-PE4242_16 Datasheet
316Kb / 3P
C Male Connector Clamp/Solder Attachment
PE4243 PASTERNACK-PE4243 Datasheet
402Kb / 3P
C Male Connector Clamp/Solder Attachment
PE4307 PASTERNACK-PE4307_16 Datasheet
415Kb / 3P
BNC Male Right Angle Connector Clamp/Solder Attachment
PE4456 PASTERNACK-PE4456_17 Datasheet
416Kb / 3P
TNC Male Right Angle Connector Clamp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com