Electronic Components Datasheet Search
  English  ▼

X  

PE4249 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4249
Description  75 Ohm SMC Plug Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4249 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4249 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4249 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4249 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMC Plug Connector
• 75 Ohms
• Straight Body Geometry
• RG179, RG187 Interface Type
• Crimp/Solder Attachment
Features
• Max. Operating Frequency 1,000 MHz
• Good VSWR of 1.3:1
• Gold Plated Beryllium Copper Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4249 75 ohm SMC plug connector with crimp/solder attachment for RG179 and RG187 is part of our full line
of RF components available for same-day shipping. Our SMC plug connector operates up to a maximum frequency of 1,000
MHz and offers good VSWR of 1.3:1.
Our 75 ohm SMC plug connector PE4249 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
1,000
MHz
VSWR
1.3:1
Operating Voltage (AC)
335
Vrms
.
Mechanical Specifications
Size
Length
0.79 in [20.07 mm]
Width/Dia.
0.375 in [9.53 mm]
.
Weight
0.017 lbs [7.71 g]
.
Mating Torque
1 in-lbs [0.11 Nm]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm SMC Plug Connector Crimp/Solder Attachment for RG179, RG187 PE4249
PE4249 REV 1.1
75 Ohm SMC Plug Connector Crimp/Solder
Attachment for RG179, RG187
RF Connectors Technical Data Sheet
PE4249


Similar Part No. - PE4249

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4249 PASTERNACK-PE4249 Datasheet
250Kb / 3P
75 Ohm SMC Plug Connector Crimp-Solder Attachment For RG179, RG187
More results

Similar Description - PE4249

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4658 PASTERNACK-PE4658 Datasheet
216Kb / 3P
75 Ohm SMC Plug Connector Crimp/ Solder Attachment For RG59, RG62
PE4249 PASTERNACK-PE4249 Datasheet
250Kb / 3P
75 Ohm SMC Plug Connector Crimp-Solder Attachment For RG179, RG187
PE4158 PASTERNACK-PE4158 Datasheet
219Kb / 3P
75 Ohm SMC Plug Connector Crimp - Solder Attachment For RG180, RG195
PE4157 PASTERNACK-PE4157_16 Datasheet
318Kb / 3P
75 Ohm SMB Plug Connector Crimp/Solder Attachment
PE4158 PASTERNACK-PE4158_16 Datasheet
320Kb / 3P
75 Ohm SMC Plug Connector Crimp/Solder Attachment
PE4248 PASTERNACK-PE4248_16 Datasheet
357Kb / 3P
75 Ohm SMB Plug Connector Crimp/Solder Attachment
PE4252 PASTERNACK-PE4252_16 Datasheet
316Kb / 3P
75 Ohm SMC Plug Right Angle Connector Crimp/Solder Attachment
PE4254 PASTERNACK-PE4254_16 Datasheet
316Kb / 3P
75 Ohm SMC Jack Connector Crimp/Solder Attachment
PE4258 PASTERNACK-PE4258_16 Datasheet
330Kb / 4P
75 Ohm SMC Plug Connector Clamp/Solder Attachment
PE4259 PASTERNACK-PE4259_16 Datasheet
395Kb / 3P
75 Ohm SMC Plug Connector Clamp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com