Electronic Components Datasheet Search
  English  ▼

X  

PE4250 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4250
Description  SMB Plug Connector Clamp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4250 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4250 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4250 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4250 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMB Plug Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG178, RG196 Interface Type
• Clamp/Solder Attachment
Features
• Max. Operating Frequency 3 GHz
• Good VSWR of 1.42:1
• Gold Plated Beryllium Copper Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4250 SMB plug connector with clamp/solder attachment for RG178 and RG196 is part of our full line of RF
components available for same-day shipping. Our SMB plug connector operates up to a maximum frequency of 3 GHz and
offers good VSWR of 1.42:1.
Our SMB plug connector PE4250 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.42:1
Operating Voltage (AC)
250
Vrms
.
Mechanical Specifications
Size
Length
0.73 in [18.54 mm]
Width/Dia.
0.25 in [6.35 mm]
.
Weight
0.013 lbs [5.9 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMB Plug Connector Clamp/Solder Attachment for RG178, RG196 PE4250
PE4250 REV 2.0
SMB Plug Connector Clamp/Solder Attachment for RG178, RG196
RF Connectors Technical Data Sheet
PE4250


Similar Part No. - PE4250

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4250 PEREGRINE-PE4250 Datasheet
226Kb / 9P
SPDT UltraCMOS RF Switch
logo
Pasternack Enterprises,...
PE4250 PASTERNACK-PE4250 Datasheet
306Kb / 2P
SMB Plug Connector Clamp/Solder Attachment For RG178, RG196
logo
Peregrine Semiconductor
PE4250 PSEMI-PE4250 Datasheet
226Kb / 9P
SPDT UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE4250 PEREGRINE-PE4250 Datasheet
226Kb / 9P
SPDT UltraCMOS
PE4250MLI PEREGRINE-PE4250MLI Datasheet
226Kb / 9P
SPDT UltraCMOS RF Switch
More results

Similar Description - PE4250

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4203 PASTERNACK-PE4203 Datasheet
263Kb / 2P
75 Ohm SMB Plug Connector Clamp/ Solder Attachment For RG59, RG62
PE4250 PASTERNACK-PE4250 Datasheet
306Kb / 2P
SMB Plug Connector Clamp/Solder Attachment For RG178, RG196
PE4200 PASTERNACK-PE4200 Datasheet
310Kb / 2P
SMB Plug Connector Clamp - Solder Attachment For RG174, RG316, RG188
PE4200 PASTERNACK-PE4200_16 Datasheet
403Kb / 3P
SMB Plug Connector Clamp/Solder Attachment
PE4203 PASTERNACK-PE4203_16 Datasheet
320Kb / 3P
75 Ohm SMB Plug Connector Clamp/Solder Attachment
PE4257 PASTERNACK-PE4257_16 Datasheet
317Kb / 3P
75 Ohm SMB Plug Connector Clamp/Solder Attachment
PE4260 PASTERNACK-PE4260_14 Datasheet
327Kb / 2P
SMB Plug Right Angle Connector Clamp/Solder Attachment
PE4268 PASTERNACK-PE4268_16 Datasheet
316Kb / 3P
SMB Jack Connector Clamp/Solder Attachment
PE4269 PASTERNACK-PE4269_16 Datasheet
338Kb / 4P
SMB Jack Connector Clamp/Solder Attachment
PE4358 PASTERNACK-PE4358_16 Datasheet
315Kb / 3P
SMB Plug Right Angle Connector Clamp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com