Electronic Components Datasheet Search
  English  ▼

X  

PE30 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PE30
Description  Fully Sealed Container Cermet Potentiometers Military and Professional Grade
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PE30 Datasheet(HTML) 1 Page - Vishay Siliconix

  PE30 Datasheet HTML 1Page - Vishay Siliconix PE30 Datasheet HTML 2Page - Vishay Siliconix PE30 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 51037
Revision 19-Jul-02
www.vishay.com
100
PE30
Vishay Sfernice
For technical questions, contact sfer@vishay.com
Fully Sealed Container Cermet Potentiometers
Military and Professional Grade
MECHANICAL SPECIFICATIONS
Mechanical Travel
300° ± 5°
Operating Torque (max. Ncm)
3 typical
End Stop Torque (max. Ncm)
70
Max. Tightening Torque...
Of Mounting Nut (Ncm)
250
Unit Weight (max. g)
23 to 32
FEATURES
3 Watt at 70°C
High power rating
Low temperature coefficient
Excellent stability
Full sealing
Low contact resistance variation
Mechanical strength
Use of faston 2.86 connections
Resistive Element
cermet
Electrical Travel
270° ± 10°
Resistance Range...
Linear Law
22
Ω to 10MΩ
Logarithmic Laws
100
Ω to 2.2MΩ
Standard Series E3
1 - 2.2 - 4.7 and on request 1 - 2 - 5
Tolerance
Standard
± 20%
On Request
± 10% - ± 5%
Power Rating
Linear
3 W at 70°C
Logarithmic
1.5 W at 70°C
Temperature Coefficient
See Standard Resistance Element Data
Limiting Element Voltage (Linear Law)
300V
Contact Resistance Variation
3% Rn or 3
End Resistance (Typical)
1
Dielectric Strength (RMS)
2500V
Insulation Resistance (500 VDC)
10
6M
ELECTRICAL SPECIFICATIONS
AMBIENT TEMPERATURE IN DEGREES CELSIUS
3
1.5
0
0
20
40
60
70
80
100
125
140
LIN. LAW “A”
LOG. LAWS “L & F”
POWER RATING CHART
RESISTANCE LAWS
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
– 55°C + 125°C
Climatic Category
55/125/56
Sealing
fully sealed
container IP67
0
20
40
60
80
100
% CLOCKWISE SHAFT ROTATION
100
0
20
40
60
80
F
A
L


Similar Part No. - PE30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PE30 VISHAY-PE30 Datasheet
131Kb / 6P
Fully Sealed Container Cermet Potentiometer Military and Professional Grade
04-Sep-08
PE30 VISHAY-PE30 Datasheet
155Kb / 6P
Fully Sealed Potentiometer Professional Grade
01-Feb-18
PE30 VISHAY-PE30 Datasheet
116Kb / 6P
Fully Sealed Potentiometer Professional Grade
21-Nov-2022
PE30 VISHAY-PE30 Datasheet
169Kb / 3P
Custom Capabilities Position Sensors and Variable Resistors
06-Oct-16
PE30 VISHAY-PE30 Datasheet
151Kb / 6P
Fully Sealed Potentiometer Military and Professional Grade
14-Aug-13
More results

Similar Description - PE30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PE30 VISHAY-PE30_08 Datasheet
131Kb / 6P
Fully Sealed Container Cermet Potentiometer Military and Professional Grade
04-Sep-08
P8P VISHAY-P8P Datasheet
135Kb / 4P
Fully Sealed Container Cermet Trimmers
26-Oct-06
P12 VISHAY-P12 Datasheet
140Kb / 5P
Fully Sealed Container Cermet Potentiometers Military and Professional Grade
06-Jul-06
P13 VISHAY-P13 Datasheet
117Kb / 5P
Fully Sealed Container Cermet Potentiometers Military and Professional Grade
06-Jul-06
PE30L0FR472MAB VISHAY-PE30L0FR472MAB Datasheet
177Kb / 6P
Fully Sealed Potentiometer Military and Professional Grade
29-Aug-12
P13SM VISHAY-P13SM Datasheet
175Kb / 6P
Fully Sealed Container Cermet Potentiometers Submarine Applications
10-Dec-15
P12 VISHAY-P12_17 Datasheet
144Kb / 6P
Fully Sealed Container Cermet Potentiometer
04-Jul-17
P12 VISHAY-P12_V01 Datasheet
124Kb / 6P
Fully Sealed Container Cermet Potentiometer Professional Grade
04-Jul-17
P13SM VISHAY-P13SM_V01 Datasheet
122Kb / 6P
Fully Sealed Container Cermet Potentiometers Submarine Applications
29-Jul-2021
P13 VISHAY-P13_V01 Datasheet
121Kb / 7P
Fully Sealed Container Cermet Potentiometer Professional Grade
21-Nov-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com