Electronic Components Datasheet Search
  English  ▼

X  

190 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 190
Description  2 Amp, DPDT, High Sensitivity, DIP PC Board Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

190 Datasheet(HTML) 1 Page - Tyco Electronics

  190 Datasheet HTML 1Page - Tyco Electronics 190 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
331
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
P&B
Catalog 1308242
Issued 3-03
190 series
2 Amp, DPDT, High Sensitivity, DIP
PC Board Relay
File E55708
File LR73303
Features
• Standard DIP configuration mates with 16-pin socket.
• Meets FCC Part 68 (10/160
µs).
• For applications in telecommunications, office automation, security
devices, measurement and control equipment.
• Immersion cleanable, plastic sealed case.
• Standard, high and ultra-sensitive coils.
• Ultrasonic cleaning not recommended.
Mechanical Data
Termination: DIP compatible, printed circuit terminals.
Enclosure Type: Immersion cleanable plastic case.
Weight: 0.21 oz. (6g) approximately.
Coil Data @ 23
°C
Operate Data @ 23
°C
Operate Voltage: 75% of nominal voltage.
Release Voltage: 5% of nominal voltage.
Operate Time: 7 ms, max. (3.5 ms, mean).
Release Time: 3 ms, max. (0.8 ms, mean).
Bounce Time:
Operate: 0.5 ms, approx.
Release: 3.5 ms, approx.
Operating Frequency: Mechanical: 36,000 ops/hr.
Electrical: 1,800 ops/hr at rated load.
Environmental Data
Temperature Range: -40
°C to +70°C.
Relative Humidity Range: 35% to 85%.
Shock: Functional: 200m/s2 (approx. 10g).
Destructive: 1,000m/s2 (approx. 100g).
Vibration: 10-55 Hz., .059 in (1.5 mm) double amplitude.
Initial Insulation Resistance
Between Contact and Coil: 109 ohms or more @ 500VDC.
Contact Data @ 23
°C
Arrangement: Bifurcated 2 Form C (DPDT) contacts.
Material: Stationary: Silver, gold clad.
Ratings: Max. Switched Current: 2A.
Max. Carry Current: 2A.
Max. Switched Voltage (at nom. voltage): 125VDC, 125VAC.
Max. Switched Power: 60W DC or 62.5VA AC.
Min. Switching Load: 10
µA, 10mVDC.
Rated Load: 500mA at 125VAC.
Initial Contact Resistance: 50 milliohms.
Expected Mechanical Life: 15,000,000 ops at 36,000 ops/hr.
Coil Data @ 23
°C
Voltage: 3 to 48VDC.
Nominal Power: 150mW to 580mW. See Coil Data table for details.
Duty Cycle: Continuous.
Nominal
Current
Maximum
Resistance
Approx.
Voltage
±10%
Voltage
±10%
Power
(VDC)
(mA)
(VDC)
(Ohms)
(mW)
Standard sensitivity (Max. Voltage stated @ 65
°C, except 48V @ 60°C)
3
166.7
3.6
18
500
5
100.0
6.0
50
500
6
83.3
7.2
72
500
9
55.6
10.8
162
500
12
41.7
14.4
288
500
24
20.8
28.8
1,152
500
48
12.0
52.8
4,000
580
High sensitivity (Max. Voltage stated @ 70
°C)
3
120.7
3.6
25
360
5
72.0
6.0
70
360
6
60.0
7.2
100
360
9
40.0
10.8
225
360
12
30.0
14.4
400
360
24
15.0
28.8
1,600
360
48
7.5
52.8
6,400
360
Ultra high sensitivity (Max. Voltage stated @ 70
°C)
3
50.0
4.5
60
150
5
30.0
7.5
167
150
6
25.0
9.0
240
150
9
16.7
13.5
540
150
12
12.5
18.0
960
150
24
8.3
36.0
2,880
200
48
6.25
72.0
7,680
300Ap
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that users also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.
Initial Dielectric Strength
Between Open Contacts: 750VAC 50/60 Hz. for 1 minute.
Between Coil and Contacts: 1,000VAC 50/60 Hz. for 1 minute.
Between Poles: 1,000VAC 50/60 Hz. for 1 minute.
Surge Voltage Resistance per FCC 68 (10 / 160
µs):
Between Open Contacts: 1,500V.
Between Coil and Contacts: 1,500V.
Between Poles: 1,500V.


Similar Part No. - 190

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
190 ETC2-190 Datasheet
115Kb / 2P
RUGGED and LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
logo
France Joint
190 FRANCEJOINT-190 Datasheet
342Kb / 2P
ROD SEALS
logo
Keystone Electronics Co...
190 KEYSTONE-190 Datasheet
418Kb / 1P
RUGGED & LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
31-07 20th
logo
HellermannTyton.
190-00022 HELLERMANNTYTON-190-00022 Datasheet
385Kb / 4P
Snapper Hose Clips for Tubes and Harnesses
October 2015
190-00022 HELLERMANNTYTON-190-00022 Datasheet
156Kb / 3P
Snapper hose clips for tubes and harnesses
More results

Similar Description - 190

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ943 ZETTLER-AZ943 Datasheet
45Kb / 2P
15 AMP MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ942 AZETTLER-AZ942 Datasheet
87Kb / 2P
16 AMP MINIATURE PC BOARD RELAY
AZ943 AZETTLER-AZ943 Datasheet
109Kb / 2P
15 AMP MINIATURE PC BOARD RELAY
AZ943H AZETTLER-AZ943H Datasheet
116Kb / 2P
15 AMP MINIATURE PC BOARD RELAY
AZ962 AZETTLER-AZ962 Datasheet
60Kb / 2P
10 AMP MINIATURE PC BOARD RELAY
AZ9621 AZETTLER-AZ9621 Datasheet
96Kb / 2P
10 AMP MINIATURE PC BOARD RELAY
logo
Tyco Electronics
2-1393222-9 MACOM-2-1393222-9 Datasheet
89Kb / 2P
10 Amp, PC Board Miniature Relay
2-1415031-1 MACOM-2-1415031-1 Datasheet
85Kb / 2P
16 Amp PC Board Miniature Relay
RT334012F MACOM-RT334012F Datasheet
77Kb / 2P
16 Amp PC Board Miniature Relay
logo
ZETTLER Electronics
AZ942H ZETTLER-AZ942H_15 Datasheet
497Kb / 2P
16 AMP MINIATURE PC BOARD RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com