Electronic Components Datasheet Search
  English  ▼

X  

PI74LCX245 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI74LCX245
Description  Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LCX245 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI74LCX245 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LCX245 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LCX245 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LCX245 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
PS2099A 02/13/97
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74LCX245
Fast CMOS 3.3V 8-Bit
Bidirectional Transceiver
Product Features
• Functionally compatible with FCT3, LVT, and 74 series
245 families of products
• Tri-State outputs
• 5V Tolerant inputs and outputs
• 2.0V-3.6V VCC supply operation
• Balanced sink and source output drives (24 mA)
• Low ground bounce outputs
• Supports live insertion
• ESD Protection exceeds 2000V, Human Body Model
200V, Machine Model
• Packages available:
– 20-pin 209-mil wide plastic SSOP (H)
– 20-pin 173-mil wide plastic TSSOP (L)
– 20-pin 150-mil wide plastic QSOP (Q)
– 20-pin 300-mil wide plastic SOIC (S)
Product Description
Pericom Semiconductor’s PI74LCX series of logic circuits are
produced in the Company’s advanced 0.6 micron CMOS technology
achieving high speed while maintaining low power operation.
The PI74LCX245 is an 8-bit bidirectional transceiver designed for
asynchronous two-way communication between data buses.
The transmit/receive input pin (T/R) determines the direction of data
flow through the bidirectional transceiver. Transmit (active HIGH)
enables data from A ports to B ports, and receive (active LOW) from
B ports to A ports. The output enable (OE) input, when HIGH,
disables both A and B ports by placing them in HIGH Z condition.
The PI74LCX245 can be driven from either 3.3V or 5.0V devices
allowing this device to be used as a translator in a mixed 3.3V/5.0V
system.
Logic Block Diagram
Product Pin Configuration
Product Pin Description
Truth Table(1)
Note:
1. H = High Voltage Level, X = Don’t Care,
L = Low Voltage Level, Z = High Impedance
s
t
u
p
n
I
)
1
(
s
t
u
p
t
u
O
)
1
(
E
OR
/
T
LL
A
s
u
B
o
t
a
t
a
D
B
s
u
B
LH
B
s
u
B
o
t
a
t
a
D
A
s
u
B
HX
Z
e
t
a
t
S
h
g
i
H
20-PIN
H20
L20
Q20
S20
e
m
a
N
n
i
Pn
o
i
t
p
i
r
c
s
e
D
OE
e
l
b
a
n
E
t
u
p
t
u
O
e
t
a
t
S
-
3
)
W
O
L
e
v
i
t
c
A
(
s
t
u
p
n
I
R
/
Tt
u
p
n
I
l
o
r
t
n
o
C
n
o
i
t
c
e
r
i
D
7
A
-
0
Ar
o
s
t
u
p
n
I
A
e
d
i
S
s
t
u
p
t
u
O
e
t
a
t
S
-
3
7
B
-
0
Br
o
s
t
u
p
n
I
B
e
d
i
S
s
t
u
p
t
u
O
e
t
a
t
S
-
3
D
N
Gd
n
u
o
r
G
VCC
r
e
w
o
P
B0
A0
OE
T/R
B1
A1
B2
A2
B3
A3
B4
A4
B5
1
A5
B6
A6
B7
A7


Similar Part No. - PI74LCX245

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LCX244 PERICOM-PI74LCX244 Datasheet
69Kb / 4P
Fast CMOS 3.3V 8-Bit Buffer/Line Driver
More results

Similar Description - PI74LCX245

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LCX16245 PERICOM-PI74LCX16245 Datasheet
191Kb / 6P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74LPT16245 PERICOM-PI74LPT16245 Datasheet
58Kb / 5P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74FCT163245 PERICOM-PI74FCT163245 Datasheet
57Kb / 5P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74FCT3245 PERICOM-PI74FCT3245 Datasheet
44Kb / 4P
Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
PI74LPT245 PERICOM-PI74LPT245 Datasheet
61Kb / 4P
Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
PI74LPT543 PERICOM-PI74LPT543 Datasheet
69Kb / 5P
Fast CMOS 3.3V 8-Bit Latched Transceiver
PI74LPT2Q245 PERICOM-PI74LPT2Q245 Datasheet
72Kb / 4P
Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
PI74LCX646 PERICOM-PI74LCX646 Datasheet
69Kb / 5P
Fast CMOS 3.3V 8-Bit Registered Transceiver
PI74LPT16245CAEX PERICOM-PI74LPT16245CAEX Datasheet
357Kb / 6P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
logo
Renesas Technology Corp
IDT74FCT163245A RENESAS-IDT74FCT163245A Datasheet
268Kb / 8P
3.3V CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
SEPTEMBER 2009
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com